Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMC3AM832 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXMC3AM832
Description  COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMC3AM832 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXMC3AM832 Datasheet HTML 1Page - Diodes Incorporated ZXMC3AM832 Datasheet HTML 2Page - Diodes Incorporated ZXMC3AM832 Datasheet HTML 3Page - Diodes Incorporated ZXMC3AM832 Datasheet HTML 4Page - Diodes Incorporated ZXMC3AM832 Datasheet HTML 5Page - Diodes Incorporated ZXMC3AM832 Datasheet HTML 6Page - Diodes Incorporated ZXMC3AM832 Datasheet HTML 7Page - Diodes Incorporated ZXMC3AM832 Datasheet HTML 8Page - Diodes Incorporated ZXMC3AM832 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SUMMARY
N-Channel V(BR)DSS = 30V; RDS(ON) = 0.12 ;ID= 3.7A
P-Channel V(BR)DSS = -30V; RDS(ON) = 0.21 ;ID= -2.7A
DESCRIPTION
Packaged in the new innovative 3mm x 2mm MLP(Micro Leaded Package)
outline this dual 30V N channel Trench MOSFET utilizes a unique structure
combining the benefits of Low on-resistance with fast switching speed. This
makes them ideal for high efficiency, low voltage power management
applications. Users will also gain several other key benefits:
Performance capability equivalent to much larger packages
Improved circuit efficiency & power levels
PCB area and device placement savings
Reduced component count
FEATURES
• Low on - resistance
• Fast switching speed
• Low threshold
• Low gate drive
• 3mm x 2mm MLP
APPLICATIONS
• MOSFET gate drive
• LCD backlight inverters
• Motor control
DEVICE MARKING
C01
ZXMC3AM832
PROVISIONAL ISSUE E - JULY 2004
1
MPPS™ Miniature Package Power Solutions
COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
DEVICE
REEL
TAPE
WIDTH
QUANTITY
PER REEL
ZXMC3AM832TA
7’‘
8mm
3000 units
ZXMC3AM832TC
13’‘
8mm
10000 units
ORDERING INFORMATION
3mm x 2mm Dual Die MLP
1
2
3
4
5
67
8
D2
D1
D1
D2
G2
G1
S1
S2
3 x 2 Dual MLP
underside view
PINOUT
Not Recommended for New Design
Please Use ZXMC3AMCTA


Similar Part No. - ZXMC3AM832

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMC3AM832 ZETEX-ZXMC3AM832 Datasheet
280Kb / 10P
MPPS??Miniature Package Power Solutions COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
ZXMC3AM832TA ZETEX-ZXMC3AM832TA Datasheet
280Kb / 10P
MPPS??Miniature Package Power Solutions COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
ZXMC3AM832TC ZETEX-ZXMC3AM832TC Datasheet
280Kb / 10P
MPPS??Miniature Package Power Solutions COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMC3AM832

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMC3A17DN8 ZETEX-ZXMC3A17DN8 Datasheet
276Kb / 10P
COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
ZXMC3A16DN8 ZETEX-ZXMC3A16DN8_05 Datasheet
311Kb / 10P
COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMC3A17DN8 DIODES-ZXMC3A17DN8 Datasheet
286Kb / 10P
COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
OCTOBER 2005
ZXMC3A18DN8 DIODES-ZXMC3A18DN8 Datasheet
692Kb / 12P
Complementary 30V enhancement mode MOSFET
SEPTEMBER 2007
DMC3025LSD DIODES-DMC3025LSD_15 Datasheet
350Kb / 10P
30V COMPLEMENTARY ENHANCEMENT MODE MOSFET
Rev 7
ZXMC3A18DN8 DIODES-ZXMC3A18DN8_15 Datasheet
692Kb / 12P
Complementary 30V enhancement mode MOSFET
SEPTEMBER 2007
DMC3025LSD DIODES-DMC3025LSD Datasheet
350Kb / 10P
30V COMPLEMENTARY ENHANCEMENT MODE MOSFET
Rev 7
logo
Pan Jit International I...
PJL9602 PANJIT-PJL9602 Datasheet
566Kb / 9P
30V Complementary Enhancement Mode MOSFET
Feb 16,2017-REV.00P
PJQ4602 PANJIT-PJQ4602 Datasheet
855Kb / 9P
30V Complementary Enhancement Mode MOSFET
July 18,2019-REV.00
PJQ4606 PANJIT-PJQ4606 Datasheet
1Mb / 9P
30V Complementary Enhancement Mode MOSFET
October 31,2017-REV.00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com