Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1374 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXLD1374
Description  Versatile LED driver increases reliability of high brightness lamps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1374 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXLD1374 Datasheet HTML 1Page - Diodes Incorporated ZXLD1374 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Announcement
New Product
ZXLD1374
NPA Number 001
ZXLD1374
Versatile LED drivers increase
reliability of high brightness lamps
Ti
l A
li
ti
VIN
Typical Application:
Buck-Boost LED driver
VAUX
VIN
ISM
PWM
LX
GI
LX
ADJ
LX
REF
FLAG
L1
D1
C2
Rs
LED1
LEDn
Product portfolio
TADJ
NC X 6
SHP STATUS SGND PGND
C1
GND
ZXLD1350
ZXLD1352
ZXLD1360
ZXLD1356
ZXLD1362
ZXLD1366
ZXLD1370
ZXLD1374
Temp range ‐40 ~ 105oC
‐40 ~125oC
‐40 ~ 125oC
‐40 ~ 125oC
‐40 ~ 125oC
‐40 ~ 125oC
VIN
7 ~ 30V
7 ~ 30V
6 ~ 60V
6 ~ 60V
6.5 ~ 60V
6.5 ~ 60V
LED Current
380mA
1A
550mA
1A
External FET
1.5A
Accuracy
5/4%
5%
2.5%
5/2.5%
2%
2%
Frequency
1MHz
1MHz
1MHz
1MHz
1MHz
1MHz
Frequency
1MHz
1MHz
1MHz
1MHz
1MHz
1MHz
Package
θJC (oC/W)
TSOT23‐5
(200)
TSOT23‐5
(33)
TSOT23‐5    (33) 
DFN3030‐6 (14)
TSOT23‐5  (33)
DFN3030‐6 (14)
SO‐8EP (7)
TSSOP‐16EP (23) TSSOP‐20EP (4)
Topology
Buck 
Converter
Buck 
Converter
Buck Converter Buck Converter
Buck, Boost, 
Buck‐boost 
Controller
Buck, Boost, 
Buck‐boost 
Converter
Dimming
Ordering information
Device
Packaging
Pack  mark
Reel  size
Tape width
Quantity
ZXLD1374EST20TC
TSSOP 20EP
ZXLD1374
13” (330mm)
12mm
2500
To find out more information:
Product page http://www.diodes.com/products/catalog/detail.php?item-id=7393
Datasheet http://www.diodes.com/datasheets/ZXLD1374.pdf
Dimming 
Control
PWM/DC
PWM/DC
PWM/DC
PWM/DC
PWM/DC
PWM/DC
www.diodes.com
ZXLD1374EST20TC
TSSOP-20EP
ZXLD1374
13 (330mm)
12mm
2500
All variants are in packages that are “Green” Molding Compound (No Br, Sb) with Lead Free Finish/RoHS Compliant (Note 1)
Notes:1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com