Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX103147 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AX103147
Description  Modular Connectors - Optimax Enhanced Installation Tool Kit Upgrade
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX103147 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AX103147 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX103147 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX103147 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
Description:
Optimax Enhanced Installation Tool Kit Upgrade, LC/SC/ST Compatible
Usage (Overall)
Suitable Applications:
Indoor termination of fiber cables: Patch panels, Communication outlets,
Fiber-to-the-desk, Distribution frames, Direct termination to equipment, Fiber
cable repair, Campus, Customer premise / Access network.
Related Parts:
Optimax connectors, Accessory kit for jacketed termination, Breakout kits
Physical Characteristics (Connectivity)
Dimensions
Dimensions:
Height (in.) Width (in.) Depth (in.)
4.100
12.200
9.200
Color
Color:
Black
Weight
Weight:
2.250 lbs.
Included Parts
Included Parts:
Installation tools, instruction manual, Table-top base and Foam
Included Parts Graphic:
Packaging
Packaging:
The carrying case is individually packaged in a cardboard box.
Mechanical Characteristics (Connectivity)
Storage Temperature Range:
-40°C To +70°C
Installation Temperature Range:
-10°C To +60°C
Applicable Specifications and Agency Compliance (Overall)
Suitability
Page 1 of 2
09-04-2012
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
AX103147 Modular Connectors - Optimax Enhanced Installation Tool Kit Upgrade


Similar Part No. - AX103147

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX103142 ETC2-AX103142 Datasheet
168Kb / 3P
Modular Connectors - Optimax Enhanced Installation Tool Kit
More results

Similar Description - AX103147

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX101077 ETC2-AX101077 Datasheet
100Kb / 3P
Modular Connectors - Optimax Connector
AX103142 ETC2-AX103142 Datasheet
168Kb / 3P
Modular Connectors - Optimax Enhanced Installation Tool Kit
logo
PANDUIT CORP.
C41678 PANDUIT-C41678 Datasheet
131Kb / 1P
COMPLETE INSTALLATION RACK KIT
logo
Winchester Electronics ...
KTW-13 WINCHESTER-KTW-13 Datasheet
28Kb / 1P
INSTALLATION EXTRACTION TOOL
logo
Molex Electronics Ltd.
0640162595 MOLEX11-0640162595 Datasheet
31Kb / 1P
TM-3000 / TM4000 Safety Guard Upgrade Kit
logo
TE Connectivity Ltd
408-8778 TEC-408-8778 Datasheet
72Kb / 2P
Installation Tool 1059773-1?
logo
PHOENIX CONTACT
1212422 PHOENIX-1212422 Datasheet
63Kb / 3P
Tool set - TOOL-KIT STANDARD
logo
Molex Electronics Ltd.
ATS-640162595 MOLEX-ATS-640162595 Datasheet
1Mb / 7P
Safety Guard Upgrade Kit
05-14-12
logo
Amphenol SV Microwave
500-32-042 SVMICROWAVE-500-32-042 Datasheet
93Kb / 1P
10.493" SMPM INSTALLATION/REMOVAL TOOL
02/20
logo
Vaisala
HMT330MIK VAISALA-HMT330MIK Datasheet
1Mb / 2P
Meteorological Installation Kit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com