Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX103255 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AX103255
Description  Faceplates and Panels - CAT6 Patch Panel - KeyConnect
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX103255 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AX103255 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX103255 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX103255 Datasheet HTML 3Page - List of Unclassifed Manufacturers AX103255 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For more Information
please call
1-800-Belden1
Description:
CAT6+ KeyConnect Patch Panel, 48-port, 2U, Black
Usage (Overall)
Suitable Applications:
IBDN System 4800, 3600, 2400, TIA Category 6, ISO Class E, 1000BASE-T
Related Parts:
CAT6+ Modular Cords
Physical Characteristics (Connectivity)
Capacity
Max. Capacity:
48 connectors ( Patch Panel is already loaded )
Access
Front Connection:
Flush
Termination Area:
Rear
Dimensions
Dimensions:
Height (in.) Width (in.) Depth (in.)
3.500
19.000
1.300
Materials
Materials:
Description Material
Panel
Steel
Color
Color:
Black
Weight
Weight:
2.500 lbs.
Included Parts
Included Parts:
4 Screws (10x32); 4 Screws (12x24); 1 Printable LabelFlex Half-Sheet; 2
Velcro Straps; 2 Rear Cable Management Bracket, 1 Installation Guide, 1 kit
Termination Bar
Packaging
Packaging:
Individually packaged in a cardboard box.
Mechanical Characteristics (Connectivity)
Footprint/Type:
KeyConnect
Plug / Jack Compatibility:
RJ45
Termination Interface:
Termination Connection
Durabilities
Front
Mated Connection 750 Cycles
Rear
IDC Connection
10 Insertions
Termination Characteristics:
Termination Characteristic
Universal T568A/B
Page 1 of 3
09-18-2012
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
AX103255 Faceplates and Panels - CAT6+ Patch Panel - KeyConnect


Similar Part No. - AX103255

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
AX103255 BELDEN-AX103255 Datasheet
242Kb / 2P
AX103255-CAT 6 KeyConect Patch Panel, 48 Port, 2U
11-19-2024
More results

Similar Description - AX103255

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX103253 ETC2-AX103253 Datasheet
113Kb / 4P
Faceplates and Panels - CAT6 Patch Panel - KeyConnect
logo
Belden Inc.
AX105365 BELDEN-AX105365 Datasheet
233Kb / 2P
AX105365 Faceplates and Panels - Angled Patch Panel - KeyConnect
AX105364 BELDEN-AX105364 Datasheet
225Kb / 2P
AX105364 Faceplates and Panels - Angled Patch Panel - KeyConnect
AX105348 BELDEN-AX105348 Datasheet
230Kb / 2P
AX105348 Faceplates and Panels - Angled Patch Panel - KeyConnect
AX105301 BELDEN-AX105301 Datasheet
228Kb / 2P
AX105301 Faceplates and Panels - Angled Patch Panel - KeyConnect
AX104592 BELDEN-AX104592 Datasheet
101Kb / 2P
AX104592 Faceplates and Panels - KeyConnect Patch Panel - KeyConnect
AX104571 BELDEN-AX104571 Datasheet
101Kb / 2P
AX104571 Faceplates and Panels - AngleFlex Patch Panel - KeyConnect
AX104569 BELDEN-AX104569 Datasheet
99Kb / 2P
Faceplates and Panels - AngleFlex Patch Panel - KeyConnect
AX104142 BELDEN-AX104142 Datasheet
112Kb / 3P
Faceplates and Panels - 10GX Coupler Patch Panel - KeyConnect
AX104141 BELDEN-AX104141 Datasheet
108Kb / 3P
Faceplates and Panels - 10GX Coupler Patch Panel - KeyConnect
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com