Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX103259 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AX103259
Description  Faceplates and Panels - CAT5E HD Patch Panel - HD-Style
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX103259 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AX103259 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX103259 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX103259 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EU RoHS Compliance Date (mm/dd/yyyy):
07/01/2006
MII Order #39 (China RoHS):
EUP 50
Telecommunications Standards:
Category 5 - ISO/IEC 11801:2002 Ed.2
Safety Listing:
ACA, Bi-national Standard Listed
Suitability
Suitability - Indoor:
Yes
Transmission Characteristics (Connectivity)
Mated Connection Table 1:
Frequency
(MHz)
Max.
Insertion Loss
TIA* (dB)
Max.
Insertion Loss
Belden** (dB)
Min.
NEXT
TIA* (dB)
Min.
NEXT
Belden** (dB)
Min.
FEXT
TIA* (dB)
Min.
FEXT
Belden** (dB)
1.000
0.100
0.100
65.000
77.000
65.000
67.000
4.000
0.100
0.100
65.000
73.000
63.100
65.000
8.000
0.100
0.100
64.900
66.900
57.000
58.900
10.000
0.100
0.100
63.000
65.000
55.100
57.000
16.000
0.100
0.100
58.900
60.900
51.000
52.900
20.000
0.100
0.100
57.000
59.000
49.100
51.000
25.000
0.100
0.100
55.000
57.000
47.100
49.000
31.250
0.110
0.100
53.100
55.100
45.200
47.100
62.500
0.160
0.120
47.100
49.100
39.200
41.100
100.000
0.200
0.160
43.000
45.000
35.100
37.000
160.000
0.210
40.900
32.900
Mated Connection Table - Footnote:
* TIA-EIA-568-B.2 Category 5e Standard. ** Worst-case performance for a CAT5E mated connection
using CAT5E modular plugs.
Mated Connection Table 2:
Frequency
(MHz)
Min.
Return Loss
TIA* (dB)
Min.
Return Loss
Belden** (dB)
1.000
30.000
32.000
4.000
30.000
32.000
8.000
30.000
32.000
10.000
30.000
32.000
16.000
30.000
32.000
20.000
30.000
32.000
25.000
30.000
32.000
31.250
30.000
32.000
62.500
24.100
32.000
100.000
20.000
28.000
160.000
23.900
Dielectric Strength:
1,000 V RMS @ 60Hz for 1 minute
Current Rating:
1.500 A
Insulation Resistance:
500 M-Ohm Minimum
Max. Contact Resistance:
20m-Ohm
Termination Resistance:
2.5 m-Ohm
Notes (Overall)
Notes: For proper installation refer to Installation Guide PX100733 included with the product or visit our web site at http://www.belden.com
Product Family
Part Numbers:
Description
Item Number
HD-110 PP CAT5E 1U24P, Black AX103258
HD-110 PP CAT5E 2U48P, Black AX103259
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
AX103259
1 EA
2.866 LB
CAT5E HD-110 PATCH PANEL 48-P
Page 2 of 3
07-23-2014
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
AX103259 Faceplates and Panels - CAT5E HD Patch Panel - HD-Style



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com