Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX103713 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AX103713
Description  Faceplates and Panels - FiberExpress Ultra Cassette
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX103713 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AX103713 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX103713 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX103713 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
Description:
FiberExpress Ultra Pre-terminated Cassette, 12 fibers, LC duplex-MPO multimode, OM3
Usage (Overall)
Suitable Applications:
FiberExpress Solutions, Backbone, Telecommunications Room, Main
Distribution Room, Data Centers
Related Parts:
FiberExpress Ultra Patch panels, Pre-terminated MPO cable assemblies
Physical Characteristics (Connectivity)
Capacity
Max. Capacity:
12 Fibers, 6 LC Duplex Bezels
Access
Front Connection:
1 inch Pullout
Dimensions
Dimensions:
Height (in.) Width (in.) Length (in.)
1.500
4.500
6.600
Materials
Materials:
Description Material
Panel
Steel
Color
Color:
Aqua
Weight
Weight:
1.130 lbs.
Packaging
Packaging:
Individually packaged in a Thermoformed packaging
Mechanical Characteristics (Connectivity)
Storage Temperature Range:
-40°C To +80°C
Applicable Specifications and Agency Compliance (Overall)
Suitability
Suitability - Indoor:
Yes
Transmission Characteristics (Connectivity)
Transmission Specifications:
Description
Multimode
Singlemode
ST-type and SC-Duplex Insertion Loss 1.50dB max
1.25dB max
ST-type and SC-Duplex Reflectance
<-20dB
<-55dB
LC & Secure/Keyed LC Insertion Loss 1.15 dB max 1.15 dB max
LC & Secure/Keyed LC Reflectance
<-20 dB
<-50dB
MT-RJ Insertion Loss
1.40 dB max 1.40 dB max
MT-RJ Reflectance
<-20 dB
<-45 dB
Notes (Overall)
Notes: For additional product family information, please refer to NPB285 (FiberExpress Ultra Cassettes)
Product Family
Page 1 of 2
09-04-2012
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
AX103713 Faceplates and Panels - FiberExpress Ultra Cassette


Similar Part No. - AX103713

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
AX103073 BELDEN-AX103073 Datasheet
295Kb / 2P
10GX Modular Jack, Category 6A, RJ45, KeyConnect Style
05-10-2023
AX103076 BELDEN-AX103076 Datasheet
250Kb / 3P
CAT6 Modular Jack, RJ45, KeyConnect Style
05-10-2023
AX103076-B24 BELDEN-AX103076-B24 Datasheet
250Kb / 3P
CAT6 Modular Jack, RJ45, KeyConnect Style
05-10-2023
AX103079 BELDEN-AX103079 Datasheet
321Kb / 3P
CAT5E Modular Jack, RJ45, KeyConnect Style
05-10-2023
AX103079-B24 BELDEN-AX103079-B24 Datasheet
321Kb / 3P
CAT5E Modular Jack, RJ45, KeyConnect Style
05-10-2023
More results

Similar Description - AX103713

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX101746 ETC2-AX101746 Datasheet
98Kb / 3P
Faceplates and Panels - MediaFlex Plate, Single gang
AX102012 ETC2-AX102012 Datasheet
101Kb / 3P
Faceplates and Panels - KeyConnect Faceplates 6-Port Double-Gang
AX102261 ETC2-AX102261 Datasheet
99Kb / 3P
Faceplates and Panels - KeyConnect Blank Insert
AX102262 ETC2-AX102262 Datasheet
99Kb / 3P
Faceplates and Panels - KeyConnect Blank Insert
AX102263 ETC2-AX102263 Datasheet
99Kb / 3P
Faceplates and Panels - KeyConnect Blank Insert
AX103821 ETC2-AX103821 Datasheet
106Kb / 3P
Faceplates and Panels - FiberExpress Ultra Cassette
AX103912 ETC2-AX103912 Datasheet
97Kb / 2P
Faceplates and Panels - FiberExpress Ultra Splice Tray 8 inches
AX103914 ETC2-AX103914 Datasheet
96Kb / 2P
Faceplates and Panels - FiberExpress Ultra Splice Tray 12 inches
logo
Belden Inc.
AX104569 BELDEN-AX104569 Datasheet
99Kb / 2P
Faceplates and Panels - AngleFlex Patch Panel - KeyConnect
AX103264 BELDEN-AX103264 Datasheet
111Kb / 3P
Faceplates and Panels - 10GX Ultra-High Density PP- UHD Style
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com