Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-328 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SW-328
Description  P R INT E D C I RCUI T T R ANS FORME R S
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SW-328 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SW-328 Datasheet HTML 1Page - List of Unclassifed Manufacturers SW-328 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

P R i N T E D C i R C u i T T R A N S F O R M E R S
All Single Primaries are 115V 50/60Hz, 6 Pins
All Dual Primaries are 115/230V 50/60Hz, 8 Pins
sTAncoR
Ratedoutput
DImensIons-Inches
PART
Primary
Individual
series
Parallel
Weight Agency✳
sec. nUmBeR Winding Ac/Dc Volts
mA
Volts
mA
Volts mA
VA
h
W
l
mW
A
B
c
(lbs.)
certif.
A
SW-224
Single
AC
12.0
45
24.0 C.T.
45
12.0
90
1.1 0.94
1.13
1.38
-
0.25
0.25
1.20
0.17
UL/CSA
DSW-224
Dual
AC
12.0
45
24.0 C.T.
45
12.0
90
1.1 0.94
1.13
1.38
-
0.25
0.25
1.20
0.17
UL/CSA
SW-324
Single
AC
12.0
100
24.0 C.T.
100
12.0
200
2.5 1.19
1.13
1.38
-
0.25
0.25
1.20
0.25
UL/CSA
DSW-324
Dual
AC
12.0
100
24.0 C.T.
100
12.0
200
2.5 1.19
1.13
1.38
-
0.25
0.25
1.20
0.25
UL/CSA
SW-424
Single
AC
12.0
250
24.0 C.T.
250
12.0
500
6.0 1.31
1.31
1.63
1.06
0.25
0.35
1.28
0.44
UL/CSA
DSW-424
Dual
AC
12.0
250
24.0 C.T.
250
12.0
500
6.0 1.31
1.31
1.63
1.06
0.25
0.35
1.28
0.44
UL/CSA
SW-524
Single
AC
12.0
500
24.0 C.T.
500
12.0 1000
12.0 1.44
1.56
1.88
1.25
0.30
0.40
1.41
0.70
UL/CSA
DSW-524
Dual
AC
12.0
500
24.0 C.T.
500
12.0 1000
12.0 1.44
1.56
1.88
1.25
0.30
0.40
1.41
0.70
UL/CSA
DSW-624
Dual
AC
12.0
800
24.0 C.T.
800
12.0 1600
20.0 1.44
1.88
2.25
1.50
0.30
0.40
1.60
0.80
UL/CSA
B
SW-228
Single
AC
14.0
40
28.0 C.T.
40
14.0
80
1.1 0.94
1.13
1.38
-
0.25
0.25
1.20
0.17
UL/CSA
DSW-228
Dual
AC
14.0
40
28.0 C.T.
40
14.0
80
1.1 0.94
1.13
1.38
-
0.25
0.25
1.20
0.17
UL/CSA
SW-328
Single
AC
14.0
85
28.0 C.T.
85
14.0
170
2.5 1.19
1.13
1.38
-
0.25
0.25
1.20
0.25
UL/CSA
DSW-328
Dual
AC
14.0
85
28.0 C.T.
85
14.0
170
2.5 1.19
1.13
1.38
-
0.25
0.25
1.20
0.25
UL/CSA
SW-428
Single
AC
14.0
200
28.0 C.T.
200
14.0
400
6.0 1.31
1.31
1.63
1.06
0.25
0.35
1.28
0.44
UL/CSA
SW-528
Single
AC
14.0
420
28.0 C.T.
420
14.0
840
12.0 1.44
1.56
1.88
1.25
0.30
0.40
1.41
0.70
UL/CSA
DSW-528
Dual
AC
14.0
420
28.0 C.T.
420
14.0
840
12.0 1.44
1.56
1.88
1.25
0.30
0.40
1.41
0.70
UL/CSA
SW-628
Single
AC
14.0
700
28.0 C.T.
700
14.0 1400
20.0 1.44
1.88
2.25
1.50
0.30
0.40
1.60
0.80
UL/CSA
DSW-628
Dual
AC
14.0
700
28.0 C.T.
700
14.0 1400
20.0 1.44
1.88
2.25
1.50
0.30
0.40
1.60
0.80
UL/CSA
C
SW-432
Single
AC
16.0
188
32.0 C.T.
188
16.0
376
6.0 1.31
1.31
1.63
1.06
0.25
0.35
1.28
0.44
UL/CSA
DSW-432
Dual
AC
16.0
188
32.0 C.T.
188
16.0
376
6.0 1.31
1.31
1.63
1.06
0.25
0.35
1.28
0.44
UL/CSA
D
SW-236
Single
AC
18.0
30
36.0 C.T.
30
18.0
60
1.1 0.94
1.13
1.38
-
0.25
0.25
1.20
0.17
UL/CSA
DSW-236
Dual
AC
18.0
30
36.0 C.T.
30
18.0
60
1.1 0.94
1.13
1.38
-
0.25
0.25
1.20
0.17
UL/CSA
DSW-336
Dual
AC
18.0
65
36.0 C.T.
65
18.0
130
2.5 1.19
1.13
1.38
-
0.25
0.25
1.20
0.25
UL/CSA
SW-436
Single
AC
18.0
170
36.0 C.T.
170
18.0
340
6.0 1.31
1.31
1.63
1.06
0.25
0.35
1.28
0.44
UL/CSA
DSW-436
Dual
AC
18.0
170
36.0 C.T.
170
18.0
340
6.0 1.31
1.31
1.63
1.06
0.25
0.35
1.28
0.44
UL/CSA
SW-536
Single
AC
18.0
350
36.0 C.T.
350
18.0
700
12.0 1.44
1.56
1.88
1.25
0.30
0.40
1.41
0.70
UL/CSA
DSW-536
Dual
AC
18.0
350
36.0 C.T.
350
18.0
700
12.0 1.44
1.56
1.88
1.25
0.30
0.40
1.41
0.70
UL/CSA
SW-636
Single
AC
18.0
550
36.0 C.T.
550
18.0 1100
20.0 1.44
1.88
2.25
1.50
0.30
0.40
1.60
0.80
UL/CSA
DSW-636
Dual
AC
18.0
550
36.0 C.T.
550
18.0 1100
20.0 1.44
1.88
2.25
1.50
0.30
0.40
1.60
0.80
UL/CSA
E
SW-248 Single
AC
24.0
23
48.0 C.T.
23
24.0
46
1.1 0.94
1.13
1.38
-
0.25
0.25
1.20
0.17
UL/CSA
DSW-248
Dual
AC
24.0
23
48.0 C.T.
23
24.0
46
1.1 0.94
1.13
1.38
-
0.25
0.25
1.20
0.17
UL/CSA
DSW-348
Dual
AC
24.0
50
48.0 C.T.
50
24.0
100
2.5 1.19
1.13
1.38
-
0.25
0.25
1.20
0.25
UL/CSA
DSW-448
Dual
AC
24.0
125
48.0 C.T. 125
24.0
250
6.0 1.31
1.31
1.63
1.06
0.25
0.35
1.28
0.44
UL/CSA
SW-648 Single
AC
24.0
400
48.0 C.T. 400
24.0
800
20.0 1.44
1.88
2.25
1.50
0.30
0.40
1.60
0.80
UL/CSA
“Side-Winder” SW/DSW Series
For schematic diagrams and outline drawings refer to page 29.
“side-Winder”
(sW)
Dual“side-Winder”
(DsW)
Agency Certification Note:
UL Recognized (File E68100)
1.1VA Size – UL Class 2 & 3 available
CSA Certified (File LR67965)


Similar Part No. - SW-328

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SW-328 ETC2-SW-328 Datasheet
341Kb / 3P
PRINTED CIRCUIT TRANSFORMERS
SW-328 ETC1-SW-328 Datasheet
35Kb / 2P
Split Bobbin-Printed Circuit Transformers Single & Dual Primaries
More results

Similar Description - SW-328

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN07059 SIPAT-LBN07059 Datasheet
126Kb / 1P
S A W F i l t e r E l e c t r i c a l C h a r a c t e r i s t i c
logo
AMETHERM Circuit Protec...
AS320R536 AMETHERM-AS320R536_12 Datasheet
244Kb / 3P
I N R U S H C U R R E N T L I M I T E R S
logo
E-Tech Electronics LTD
GD401SD ETL-GD401SD Datasheet
166Kb / 2P
S U R F A C E M O U N T , S C H O T T K Y B A R R I E R D I O D E R R I E R D I O D E
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL340-360 ETL-GJSBL340-360 Datasheet
420Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJUR0620CT ETL-GJUR0620CT Datasheet
427Kb / 2P
S U P E R FA S T R E CO V E RY R E C T I F I E R
logo
List of Unclassifed Man...
592-9012 ETC2-592-9012 Datasheet
490Kb / 2P
C L A S S 2 T R ANS FORME R S
logo
Powerbox
CENTAUR POWERBOX-CENTAUR Datasheet
296Kb / 2P
T H R E E S T E P B AT T E R Y C H A R G E R
SKYLLA POWERBOX-SKYLLA Datasheet
424Kb / 2P
T H R E E S T E P B AT T E R Y C H A R G E R
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com