Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NZQFN28 Datasheet(PDF) 18 Page - Roithner LaserTechnik GmbH

Part # NZQFN28
Description  FAIL-SAFE LASER DIODE DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

NZQFN28 Datasheet(HTML) 18 Page - Roithner LaserTechnik GmbH

Back Button NZQFN28 Datasheet HTML 12Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 13Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 14Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 15Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 16Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 17Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 18Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 19Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 20Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
iC-NZ
FAIL-SAFE LASER DIODE DRIVER
Rev B2, Page 18/20
ing RLDA. iC-HK is a fast, spike-free laser switch with
which up to 1.4 A can be driven in pulsed operation.
An iC-HK can be connected to each channel on iC-NZ
so that a maximum laser pulse current of 4.2 A can
be achieved (depending on pulse frequency, duty cy-
cle and thermal dissipation). To this end pins CIx (x:
L, M, H) on iC-NZ must be connected to the CI inputs
of the relevant iC-HK and iC-NZ inputs LENx to iC-HK
inputs EN1 and EN2 (Figure 16). Individual levels are
set as described above in Switching up to three laser
power levels.
LENM
LENH
R1
CLDA
Q1
RSMD
LD
MD
RML
Monitor
Safety
Diode
RVDD
SDIS
SMD
VDD
EN
RGND
LDA
GND
CREF
CIL
CIM
LDKL
CIH
LDKH
CIH
RSI
REGEN
LENH
LENL
LENM
RMDH
AGND
CIL
MDL
RMH
RMDM
RMM
RLDA
CIM
iC−NZ
LDK
CI
AGND2
AGND1
GND
VDD
EN2
EN1
iC−HK
LDKM
LDK
CI
AGND2
AGND1
GND
VDD
EN2
EN1
iC−HK
LDK
CI
AGND2
AGND1
GND
VDD
EN2
EN1
iC−HK
VDD
LENL
LENM
LENH
LENL
LENL
Figure 16: Extending the laser current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com