Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXFV4583 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXFV4583
Description  SYNC SEPARATOR WITH VARIABLE FILTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXFV4583 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXFV4583 Datasheet HTML 1Page - Diodes Incorporated ZXFV4583 Datasheet HTML 2Page - Diodes Incorporated ZXFV4583 Datasheet HTML 3Page - Diodes Incorporated ZXFV4583 Datasheet HTML 4Page - Diodes Incorporated ZXFV4583 Datasheet HTML 5Page - Diodes Incorporated ZXFV4583 Datasheet HTML 6Page - Diodes Incorporated ZXFV4583 Datasheet HTML 7Page - Diodes Incorporated ZXFV4583 Datasheet HTML 8Page - Diodes Incorporated ZXFV4583 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ABSOLUTE MAXIMUM RATINGS
Supply voltage VCC
-0.5V to +7V
Inputs to ground*
-0.5V to VCC +0.5V
Operating temperature range
-40 C to 85 C
Storage
-65 C to +150 C
Operating ambient junction temperature
TJMAX150 C**
**The thermal resistance from the semiconductor die to ambient is typically 120 C/W when the SO16 package is
mounted on a PCB in free air. The power dissipation of the device when loaded must be designed to keep the
device junction temperature below TJMAX.
*During power-up and power-down, these voltage ratings require that signals be applied only when the power
supply is connected.
ZXFV4583
SEMICO NDUC TORS
ISSUE 3 - NOVEMBER 2003
2
PARAMETER
CONDITIONS
TEST
MIN
TYP
MAX
UNIT
DC Characteristics
Supply current
P
2
4.5
6.5
mA
Clamp voltage at FILTIN
Pin 4 unloaded
P
1.2
1.35
1.5
V
Discharge current at FILTIN
Pin 4, Vin = 2V pk-pk
C
1
A
Discharge current at FILTIN
Pin 4, no signal
C
3
6
12
A
Clamp charge current at FILTIN
Pin 4, Vin = 1V pk-pk
P
2
3
4
mA
Clamp voltage at FVIDIN
Pin 8 unloaded
P
1.2
1.35
1.5
V
Discharge current at FVIDIN
Pin 8, Vin = 2V pk-pk
C
1
Discharge current at FVIDIN
Pin 8, no signal
C
3
6
12
Clamp charge current at FVIDIN
Pin 8, Vin = 1V pk-pk
P
2
3
4
mA
RSET voltage, pin 12
P
1.5
1.75
2
V
RFILT voltage, pin 1
P
0.35
0.5
0.65
V
RNOSIG current, pin 2
P
1.5
2.5
3.5
A
Logic output low voltage, VOL
IOL = 1.6mA
P
0.35
0.8
V
ELECTRICAL CHARACTERISTICS
VCC = 5V, RSET = 681k ,RFILT = 22k ,RNOSIG = 82k ,Tamb =25 C unless otherwise stated.
Test level:
P = 100% production test
C = Characterized only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com