Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCT1107 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXCT1107
Description  Low power high side current monitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1107 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXCT1107 Datasheet HTML 1Page - Diodes Incorporated ZXCT1107 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.diodes.com
Announcement
New Product
ZXCT11
series
Issue Number │001
March 2010
Ordering information
All variants are in packages are “Green” Molding Compound (No Br, Sb) with Lead Free Finish/RoHS Compliant (Note 1)
Notes:1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes
Device
Package
Reel size
Quantity per reel
Tape width
ZXCT1107SA‐7
SOT23
7"
3000
8mm
ZXCT1109SA‐7
SOT23
7”
3000
8mm
ZXCT1110W5‐7
SOT23‐5
7"
3000
8mm
Low power high side current
monitors
°
ZXCT1107
3.4
0.3
4
100
3
2.5 to 36
800
Simple current output 
current monitor
‐40 to 125
SOT23
ZXCT1109
3.4
0.3
4
100
3
2.5 to 36
800
Simple current output 
current monitor
‐40 to 125
SOT23
ZXCT1110
1.8
0.3
4
100
3
2.5 to 36
800
Separate ground pin 
improves accuracy
‐40 to 125 SOT23‐5
To find out more information:
Current output current monitor overview page
http://www.diodes.com/products/catalog/list.php?parent‐id=79
Datasheet 
http://www.diodes.com/datasheets/ZXCT1107_09_10_R2.pdf
Typical applications circuits



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com