Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZX3CD3S1M832 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZX3CD3S1M832
Description  40V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZX3CD3S1M832 Datasheet(HTML) 6 Page - Diodes Incorporated

  ZX3CD3S1M832 Datasheet HTML 1Page - Diodes Incorporated ZX3CD3S1M832 Datasheet HTML 2Page - Diodes Incorporated ZX3CD3S1M832 Datasheet HTML 3Page - Diodes Incorporated ZX3CD3S1M832 Datasheet HTML 4Page - Diodes Incorporated ZX3CD3S1M832 Datasheet HTML 5Page - Diodes Incorporated ZX3CD3S1M832 Datasheet HTML 6Page - Diodes Incorporated ZX3CD3S1M832 Datasheet HTML 7Page - Diodes Incorporated ZX3CD3S1M832 Datasheet HTML 8Page - Diodes Incorporated ZX3CD3S1M832 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ZX3CD3S1M832
ISSUE 3 - OCTOBER 2007
6
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
TRANSISTOR ELECTRICAL CHARACTERISTICS
Collector-Base Breakdown
Voltage
V(BR)CBO
-50
-80
V
IC=-100 A
Collector-Emitter Breakdown
Voltage
V(BR)CEO
-40
-70
V
IC=-10mA*
Emitter-Base Breakdown Voltage
V(BR)EBO
-7.5
-8.5
V
IE=-100 A
Collector Cut-Off Current
ICBO
-25
nA
VCB=-40V
Emitter Cut-Off Current
IEBO
-25
nA
VEB=-6V
Collector Emitter Cut-Off Current
ICES
-25
nA
VCES=-32V
Collector-Emitter Saturation
Voltage
VCE(sat)
-25
-150
-195
-210
-260
-40
-220
-300
-300
-370
mV
mV
mV
mV
mV
IC=-0.1A, IB=-10mA*
IC=-1A, IB=-50mA*
IC=-1.5A, IB=-100mA*
IC=-2A, IB=-200mA*
IC=-2.5A, IB=-250mA*
Base-Emitter Saturation Voltage
VBE(sat)
-0.97
-1.05
V
IC=-2.5A, IB=-250mA*
Base-Emitter Turn-On Voltage
VBE(on)
-0.89
-0.95
V
IC=-2.5A, VCE=-2V*
Static Forward Current Transfer
Ratio
hFE
300
300
180
60
12
480
450
290
130
22
IC=-10mA, VCE=-2V*
IC=-0.1A, VCE=-2V*
IC=-1A, VCE=-2V*
IC=-1.5A, VCE=-2V*
IC=-3A, VCE=-2V*
Transition Frequency
fT
150
190
MHz
IC=-50mA, VCE=-10V
f=100MHz
Output Capacitance
Cobo
19
25
pF
VCB=-10V, f=1MHz
Turn-On Time
t(on)
40
ns
VCC=-15V, IC=-0.75A
IB1=IB2=-15mA
Turn-Off Time
t(off)
435
ns
SCHOTTKY DIODE ELECTRICAL CHARACTERISTICS
Reverse Breakdown Voltage
V(BR)R
40
60
V
IR=300 A
Forward Voltage
VF
240
265
305
355
390
425
495
420
270
290
340
400
450
500
600
—
mV
mV
mV
mV
mV
mV
mV
mV
IF=50mA*
IF=100mA*
IF=250mA*
IF=500mA*
IF=750mA*
IF=1000mA*
IF=1500mA*
IF=1000mA,Ta=100°C*
Reverse Current
IR
50
100
AVR=30V
Diode Capacitance
CD
25
pF
f=1MHz,VR=25V
Reverse Recovery
Time
trr
12
ns
switched from
IF = 500mA to IR = 500mA
Measured at IR = 50mA
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
*Measured under pulsed conditions.
OBSOLETE - PLEASE USE ZXTPS720MC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com