Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT549 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # FMMT549
Description  30V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT549 Datasheet(HTML) 2 Page - Diodes Incorporated

  FMMT549 Datasheet HTML 1Page - Diodes Incorporated FMMT549 Datasheet HTML 2Page - Diodes Incorporated FMMT549 Datasheet HTML 3Page - Diodes Incorporated FMMT549 Datasheet HTML 4Page - Diodes Incorporated FMMT549 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FMMT549 / FMMT549A
Document Number: DS33098 Rev. 4 - 2
2 of 5
www.diodes.com
September 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
FMMT549 / FMMT549A
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-35
V
Collector-Emitter Voltage
VCEO
-30
V
Emitter-Base Voltage
VEBO
-5
V
Continuous Collector Current
IC
-1
A
Peak Pulse Current
ICM
-2
A
Base Current
IB
-200
mA
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 4)
PD
500
mW
Thermal Resistance, Junction to Ambient
(Note 4)
RθJA
250
°C/W
Thermal Resistance, Junction to Lead
(Note 5)
RθJL
197
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-35
-
-
V
IC = -100µA
Collector-Emitter Breakdown Voltage (Note 6)
BVCEO
-30
-
-
V
IC = -10mA
Emitter-Base Breakdown Voltage
BVEBO
-5
-
-
V
IE = -100µA
Collector Cutoff Current
ICBO
-
-
-0.1
µA
VCB = -30V
-
-
-10
VCB = -30V, TA = 100°C
Emitter Cutoff Current
IEBO
-
-
-0.1
µA
VEB = -4V
Static Forward Current Transfer Ratio (Note 6)
hFE
70
200
-
-
IC = -50mA, VCE = -2V
80
130
-
IC = -1A, VCE = -2V
40
80
-
IC = -2A, VCE = -2V
FMMT549
100
160
300
-
IC = -500mA, VCE = -2V
FMMT549A
150
200
500
-
IC = -500mA, VCE = -2V
Collector-Emitter Saturation Voltage
VCE(sat)
-
-250
-500
mV
IC = - 1A, IB = -100mA
-
-500
-750
IC = - 2A, IB = -200mA
FMMT549A
-
-
-300
mV
IC = -100mA, IB = -1mA
Base-Emitter Saturation Voltage (Note 6)
VBE(sat)
-
-900
-1250
mV
IC = -1A, IB = -100mA
Base-Emitter Turn-On Voltage (Note 6)
VBE(on)
-
-850
-1000
mV
IC = -1A, VCE = -2V
Output Capacitance
Cobo
-
-
25
pF
VCB = -10V, f = 1MHz
Transition Frequency
fT
100
-
-
MHz
VCE = -5V, IC = -100mA,
f = 100MHz
Switching Times
ton
-
50
-
ns
IC = -500mA, VCC = -10V
IB1 = IB2 = -50mA
toff
-
300
-
ns
Notes:
4. For a device surface mounted FR4 PCB with minimum recommended pad layout; high coverage of single sided 1 oz copper, in still air conditions; the
device is measured when operating in a steady-state condition.
5. Thermal resistance from junction to solder-point (at the end of the collector lead).
6. Measured under pulsed conditions. Pulse width
≤ 300 µs. Duty cycle ≤ 2%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com