Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

123701 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 123701
Description  ERmet Messerleiste C
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

123701 Datasheet(HTML) 1 Page - ERNI Electronics

  123701 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ident-Nr.
Date Code
Firmensignet
15,4
2
8
4 x 2 =
20
10 x 2 =
2
20
(
)
10 x 2 =
2
1)
Fehlende Maße und Angaben nach IEC 61076-4-101
Missing information and dimensions per IEC 61076-4-101
1)
ø 0,6
Durchmesser des metallisierten Loches
ø 0,6
Diameter of finished plated-through hole
ø 0,7
Diameter of drilled hole
ø 0,7
Bohrungsdurchmesser des Loches
±0,02
±0,02
±0,05
±0,05
Schichtaufbau im metallisierten Loch siehe Zeichnung 114406
Metal plating of plated-through hole see drawing 114406
alle Löcher
Board hole pattern
(Component mounting side )
all holes
Index
Date
Scale
Designation
Tolerances
123701
ERmet Messerleiste C
ERmet Male Wide Type C
2:1
I
All rights reserved.
Only for information.
To insure that this is the latest
version of this drawing, please
contact one of the ERNI companies
before using.
Subject to modification without
prior notice.
Drawing will not be updated.
M:00023635.SZN
8.2
+0.2
9.7
+0.2
11.2
+0.2
13±0.2
14.5 ±0.2
16 ±0.2
3.7 ±0.3
4.5 ±0.3
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
Bezugsebene Tiefe
Datum plane depth
Level 3
Ebene -
Ebene - Level 2
Ebene - Level 1
P2
P1
U
1
R
3
R
2
R
1
13±0.3
5.3
6.8
8.3 ±0.1
±0.1
±0.1
11 10 9 8 7 6 5 4 3 2 1
z
a
b
c
d
e
f
Bestückungsplan
- contact layout
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
EE Zone für durchkontaktierte
Löcher ø 0.6
±0.05
compliant zone for thru hole
ø 0.6
±0.05
For further information about I.D. number see manufacturing document
Angaben zu entsprechender Ident-Nr. siehe Fertigungsunterlagen
Information: P2, Level 2
siehe Bestückungsplan/
see contact layout
Anforderungsstufe 2 /
class 2
0.1
z
a
b
c
d
e
f
1
11
Lochbild für Leiterplatte
(Bestückungsseite)
3.7
1 max
25 max
1
11
a
b
c
d
z
e
f
All Dimensions
in mm
Elektroapparate GmbH
D-73099 ADELBERG


Similar Part No. - 123701

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
123701 ADELS-123701 Datasheet
117Kb / 2P
500 K/ 1 35 DS
logo
Weidmuller
1237010000 WEIDMULLER-1237010000 Datasheet
544Kb / 7P
SCZ 3.81/05/180GZE SN OR BX
logo
Adels-Contact
123701M ADELS-123701M Datasheet
117Kb / 2P
500 K/ 1 35 MDS
More results

Similar Description - 123701

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
043138 ERNI-043138 Datasheet
64Kb / 1P
ERmet Messerleiste C
054129 ERNI-054129 Datasheet
65Kb / 1P
ERmet Messerleiste C
064550 ERNI-064550 Datasheet
67Kb / 1P
ERmet Messerleiste C
144693 ERNI-144693 Datasheet
58Kb / 1P
ERmet Messerleiste C
223037 ERNI-223037 Datasheet
69Kb / 1P
ERmet Messerleiste C
223980 ERNI-223980 Datasheet
86Kb / 1P
ERmet Messerleiste C
223988 ERNI-223988 Datasheet
87Kb / 1P
ERmet Messerleiste C
100200760004 ERNI-100200760004 Datasheet
79Kb / 1P
ERMET MESSERLEISTE C
100100760004 ERNI-100100760004 Datasheet
124Kb / 1P
ERmet Messerleiste C
100103210095 ERNI-100103210095 Datasheet
144Kb / 1P
ERmet Messerleiste C
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com