Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6044LP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # A6044LP
Description  Lift-Off-Cover, Type 12
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A6044LP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  A6044LP Datasheet HTML 1Page - List of Unclassifed Manufacturers A6044LP Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec-00280 C
Junction Boxes Clamp-Cover
EQUIPMENT PROTECTION SOLUTIONS
SUBJECT TO CHANGE WITHOUT NOTICE
Mild steel
1
Spec-00280
c763.422.2211
763.422.2600
Mild steel
Junction Boxes
clamp-cover
lift-off-cover, type 12
industry stAndArds
UL 50, 50E Listed; Type 12, 13; File No. E27525
cUL Listed per CSA C22.2 No. 94; Type 12, 13; File No. E27525
UL 508A Listed; Type 12, 13; File No. E61997
cUL Listed per CSA C22.2 No. 94; Type 12, 13; File No. E61997
NEMA/EEMAC Type 12 and 13
CSA, File No. 42184: Type 12
IEC 60529, IP65
ApplicAtion
With a chain-secured, lift-off clamp cover, this enclosure meets
basic functionality requirements for housing controls and
instrumentation.
specificAtions
•
16 or 14 gauge steel (see table)
•
Seams continuously welded and ground smooth
•
External screw clamps
•
Lift-off cover
•
Bonding provision on cover
•
Chain holds cover to box when cover is removed
•
Oil-resistant gasket
•
Weldnuts provided for mounting optional panels and terminal
block kits in size 6.00 x 4.00 in. (152 x 102 mm) and larger
•
External wall-mounting brackets
finisH
ANSI 61 gray polyester powder paint inside and out
Accessories
See also Accessories.
Clamp Kits
Fast-Operating Clamp-Cover Junction Box Clamp
Panels for Junction Boxes
Terminal Block Kit Assembly for Junction Boxes Overview
Steel and Stainless Steel Window Kits
ModificAtion And custoMiZAtion
Hoffman excels at modifying and customizing products to
your specifications. Contact your local Hoffman sales office or
distributor for complete information.
Bulletin: A51lp
Standard Product
 
Catalog Number AxBxC in./mm
Gauge UL Listed Panel
Conductive
Panel
Panel Size
D x E
in./mm
Mounting
G x H
in./mm
Overall
L x W
in./mm
F
in./mm
J
in./mm
K
in./mm
N
in./mm
P
in./mm
T
in./mm
V
in./mm
Y
in./mm
A404LP
4.00 x 4.00 x 3.00
102 x 102 x 76
16
508A
No Panel No Panel
No Panel
No Panel
4.75 x 2.00
121 x 51
5.50 x 4.57
140 x 116
—
—
2.62
66
0.54
14
1.31
33
1.38
35
3.00
76
—
—
—
—
A604LP
6.00 x 4.00 x 3.00
152 x 102 x 76
16
508A
A6P4
A6P4G
4.88 x 2.88
124 x 73
6.75 x 2.00
171 x 51
7.50 x 4.57
191 x 116
2.53
64
2.62
66
0.54
14
1.31
33
1.38
35
3.00
76
0.31
8
0.56
14
A806LP
8.00 x 6.00 x 3.50
203 x 152 x 89
14
50, 50E
A8P6
A8P6G
6.75 x 4.88
171 x 124
8.75 x 4.00
222 x 102
9.50 x 6.64
241 x 169
3.03
76
3.12
74
0.56
14
2.88
73
2.38
60
5.00
127
0.25
6
0.62
16
A4044LP
4.00 x 4.00 x 4.00
102 x 102 x 102
16
508A
No Panel No Panel
No Panel
No Panel
4.75 x 2.00
121 x 51
5.50 x 4.57
140 x 116
—
—
3.62
92
0.54
14
1.31
33
1.38
35
3.00
76
—
—
—
—
A6044LP
6.00 x 4.00 x 4.00
152 x 102 x 102
16
508A
A6P4
A6P4G
4.88 x 2.88
124 x 73
6.75 x 2.00
171 x 51
7.50 x 4.57
191 x 116
3.53
90
3.62
92
0.54
14
1.31
33
1.38
35
3.00
76
0.31 (8)
8
0.56
14
A606LP
6.00 x 6.00 x 4.00
152 x 152 x 102
16
50, 50E
A6P6
A6P6G
4.88 x 4.88
124 x 124
6.75 x 4.00
171 x 102
7.50 x 6.57
191 x 167
3.53
90
3.62
92
0.54
14
2.88
73
2.38
60
5.00
127
0.31 (8)
8
0.56
14
A1008LP
10.00 x 8.00 x 4.00
254 x 203 x 102
14
50, 50E
A10P8
A10P8G
8.75 x 6.88
222 x 175
10.75 x 6.00
273 x 152
11.50 x 8.57
292 x 218
3.53
90
3.62
92
0.56
14
4.00
102
1.00
25
7.00
178
0.25 (6)
6
0.62
16
A1210LP
12.00 x 10.00 x 5.00
305 x 254 x 127
14
50, 50E
A12P10
A12P10G
10.75 x 8.88
273 x 226
12.75 x 8.00
324 x 203
13.50 x 10.64
343 x 270
4.53
115
4.62
117
0.56
14
6.00
152
1.00
25
9.00
229
0.25 (6)
6
0.62
16
A1412LP
14.00 x 12.00 x 6.00
356 x 305 x 152
14
50, 50E
A14P12
A14P12G
12.75 x 10.88
324 x 276
14.75 x 10.00
375 x 254
15.50 x 12.64
394 x 321
5.53
140
5.62
143
0.56
14
8.00
203
1.00
25
11.00
279
0.25 (6)
6
0.62
16
A1614LP
16.00 x 14.00 x 6.00
406 x 356 x 152
14
50, 50E
A16P14
A16P14G
14.75 x 12.88
375 x 327
16.75 x 12.00
425 x 305
17.50 x 14.64
445 x 372
5.53
140
5.62
143
0.56
14
10.00
254
1.00
25
13.00
330
0.25 (6)
6
0.62
16
Purchase panels separately. Optional stainless steel, conductive, composite and aluminum panels are available for most sizes.


Similar Part No. - A6044LP

ManufacturerPart #DatasheetDescription
logo
Pentair Equipment Prote...
A6044CH HOFFMANPRODUCTS-A6044CH Datasheet
219Kb / 2P
Continuous Hinge with Clamps, Type 12
logo
Pentair plc. All rights...
A6044CHNFSS PENTAIR-A6044CHNFSS Datasheet
340Kb / 2P
Junction Boxes
A6044CHNFSS6 PENTAIR-A6044CHNFSS6 Datasheet
340Kb / 2P
Junction Boxes
logo
List of Unclassifed Man...
A6044SC ETC2-A6044SC Datasheet
621Kb / 2P
Screw Cover, Type 12
More results

Similar Description - A6044LP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1355524-3 MACOM-2-1355524-3 Datasheet
54Kb / 1P
MICRO QUADLOK SYSTEM COVER, 12 POS Adbeckkappe, 12-pol
logo
Cynergy3 Co
LLF69B198 CYNERGY3-LLF69B198 Datasheet
5Mb / 1P
Vertical Fast Lift Floatswitches
logo
List of Unclassifed Man...
A10086SC ETC2-A10086SC Datasheet
621Kb / 2P
Screw Cover, Type 12
logo
Cynergy3 Co
LLF CYNERGY3-LLF Datasheet
402Kb / 1P
Vertical Fast Lift Float switches
logo
FIBOX Enclosing innovat...
5026050 FIBOX-5026050 Datasheet
38Kb / 1P
Cover plate for 12 modules
31.07.2023
3730260 FIBOX-3730260 Datasheet
41Kb / 1P
Including: base, cover, cover screws, 1 blind plug, 1 pull-off
16.08.2023
logo
Morse Mfg. Co., Inc.
400 MORSE-400 Datasheet
861Kb / 3P
Hydra-Lift Karriers
Aug, 2023
400SS MORSE-400SS Datasheet
737Kb / 3P
Stainless Steel Hydra-Lift Karriers
11 Aug, 2023
410 MORSE-410 Datasheet
1Mb / 3P
Heavy-Duty Hydra-Lift Karriers
23 Dec, 2021
500 MORSE-500 Datasheet
900Kb / 3P
Vertical-Lift Drum Pourers
11 Aug, 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com