Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL0901 Datasheet(PDF) 2 Page - RFHIC

Part # CL0901
Description  Low Noise Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

CL0901 Datasheet(HTML) 2 Page - RFHIC

  CL0901_14 Datasheet HTML 1Page - RFHIC CL0901_14 Datasheet HTML 2Page - RFHIC CL0901_14 Datasheet HTML 3Page - RFHIC CL0901_14 Datasheet HTML 4Page - RFHIC CL0901_14 Datasheet HTML 5Page - RFHIC CL0901_14 Datasheet HTML 6Page - RFHIC CL0901_14 Datasheet HTML 7Page - RFHIC CL0901_14 Datasheet HTML 8Page - RFHIC CL0901_14 Datasheet HTML 9Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Low Noise Amplifier
CL0901-L / CL1501-L
CL1801-L / CL2101-L
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
2 / 9
Version 6.3
Absolute Maximum Ratings
PARAMETER
UNIT
RATING
REMARK
Device Voltage
V
8
-
RF Input Power
dBm
25
-
Operating Temperature
-40 ~ 85
-
Storage Temperature
-50 ~ 125
-
Note
Operation of this device in excess of any one of these parameters may cause permanent damage.
Functional Diagram
Application Circuit
ESD Protection
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper
ESD control techniques should be used when handling these devices. Some of the precautions recommended are;
-
Person at a workbench should be earthed via a wrist strap and a resistor.
-
All mains-powered equipment should be connected to the mains via an earth-leakage switch.
-
Equipment cases should be grounded.
-
Relative humidity should be maintained between 40% and 50%.
-
An ionizer is recommended.
-
Keep static materials, such as plastic envelopes and plastic trays etc. away from the workbench.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com