Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD211 Datasheet(PDF) 2 Page - RFHIC

Part # AD211
Description  Multi Tuner Set-Top Boxes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AD211 Datasheet(HTML) 2 Page - RFHIC

  AD211 Datasheet HTML 1Page - RFHIC AD211 Datasheet HTML 2Page - RFHIC AD211 Datasheet HTML 3Page - RFHIC AD211 Datasheet HTML 4Page - RFHIC AD211 Datasheet HTML 5Page - RFHIC AD211 Datasheet HTML 6Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
E-pHEMT MMIC
AD211
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
2 / 6
Version 1.3
Application Circuit @ 30 ~ 1000MHz, 5V, 75ohm System
S-Parameter
Isolation
0.2
0.4
0.6
0.8
0.0
1.0
-15
-10
-5
0
5
-20
10
Frequency(GHz)
0.2
0.4
0.6
0.8
0.0
1.0
-50
-40
-30
-20
-10
-60
0
Frequency(GHz)
IN&OUT Port Isolation
OUT&OUT Port Isolation
S11
S21
S22



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com