Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL650 Datasheet(PDF) 1 Page - Rochester Electronics

Part # PL650
Description  POWELL LINE GENERATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

PL650 Datasheet(HTML) 1 Page - Rochester Electronics

  PL650 Datasheet HTML 1Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
27.03.2012
PL650
1 of 1
PL650
TECHNICAL DATA
POWELL LINE GENERATOR
PL650 is a powell lens line generator prism, offering very even intensity distribution over the complete length
of the projected line. PL650 is being specifically designed to be used in conjunction with red diode lasers,
featuring 630-670nm anti reflective coating and is smoothed for either 3mm or 5mm beam diameter. PL650
can be delivered with fan angles ranging 5° - 120°
Specifications
Item
Value
Unit
Dimsension
Ø9 x 9
mm
Fan angle
5, 10, 30, 45, 53, 60, 70, 85, 90
°
Beam diameter
3 or 5
mm
Anti Reflection Coating
630 - 670
nm
Material
BK7, SF6
Outline Dimensions
Line Intensity Profile


Similar Part No. - PL650

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
PL650 ROCHESTER-PL650 Datasheet
71Kb / 1P
POWELL LINE GENERATOR
PL650 ROCHESTER-PL650 Datasheet
71Kb / 1P
POWELL LINE GENERATOR
PL650 ROCHESTER-PL650 Datasheet
71Kb / 1P
POWELL LINE GENERATOR
PL650 ROCHESTER-PL650 Datasheet
71Kb / 1P
POWELL LINE GENERATOR
logo
Roithner LaserTechnik G...
PL650 ROITHNER-PL650 Datasheet
71Kb / 1P
POWELL LINE GENERATOR
More results

Similar Description - PL650

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
PL650-3-90 ROITHNER-PL650-3-90 Datasheet
71Kb / 1P
POWELL LINE GENERATOR
PL650-3-10 ROITHNER-PL650-3-10 Datasheet
71Kb / 1P
POWELL LINE GENERATOR
PL532-1-90 ROITHNER-PL532-1-90 Datasheet
92Kb / 1P
POWELL LINE GENERATOR
PL532-1-10 ROITHNER-PL532-1-10 Datasheet
92Kb / 1P
POWELL LINE GENERATOR
logo
Rochester Electronics
PL650-5-45 ROCHESTER-PL650-5-45 Datasheet
71Kb / 1P
POWELL LINE GENERATOR
PL650-5-60 ROCHESTER-PL650-5-60 Datasheet
71Kb / 1P
POWELL LINE GENERATOR
PL650-5-90 ROCHESTER-PL650-5-90 Datasheet
71Kb / 1P
POWELL LINE GENERATOR
PLLG-30 ROCHESTER-PLLG-30 Datasheet
44Kb / 1P
POWELL LINE GENERATOR
PLLG-90 ROCHESTER-PLLG-90 Datasheet
44Kb / 1P
POWELL LINE GENERATOR
logo
Roithner LaserTechnik G...
PL532 ROITHNER-PL532 Datasheet
92Kb / 1P
POWELL LINE GENERATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com