Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSR Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZSR
Description  ZSR SERIES 3.0 to 12 volt fixed positive local voltage regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZSR Datasheet(HTML) 2 Page - Diodes Incorporated

  ZSR Datasheet HTML 1Page - Diodes Incorporated ZSR Datasheet HTML 2Page - Diodes Incorporated ZSR Datasheet HTML 3Page - Diodes Incorporated ZSR Datasheet HTML 4Page - Diodes Incorporated ZSR Datasheet HTML 5Page - Diodes Incorporated ZSR Datasheet HTML 6Page - Diodes Incorporated ZSR Datasheet HTML 7Page - Diodes Incorporated ZSR Datasheet HTML 8Page - Diodes Incorporated ZSR Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ZSR SERIES
Issue 9 - October 2007
2
www.zetex.com
© Zetex Semiconductors plc 2007
Recommended operating conditions
Absolute maximum rating
Input voltage
20V
Output current (IO)
200mA
Operating temperature
-55 to 125°C
Storage temperature
-65 to 150°C
Power Dissipation (Tamb=25°C)
SOT223
2W
Maximum power dissipation for the SOT223 is calculated
assuming that the device is mounted on a PCB measuring
2 inches square.
Parameter
Products
Min
Max
Units
Vin Input Voltage
ZSR300
5
20
V
ZSR330
5.3
20
V
ZSR500
7
20
V
ZSR800
10
20
V
ZSR1000
12
20
V
ZSR1200
14
20
V
Notes:
•
The maximum operating input voltage and
output current of the device will be
governed
by
the
maximum
power
dissipation
of
the
selected
package.
Maximum package power dissipation is
specified at 25°C and must be linearly
derated to zero at Tamb=125°C.
•
The following data represents pulse test
conditions with junction temperatures as
indicated at the initiation of the test.
Continuous operation of the devices with
the stated conditions might exceed the
power
dissipation limits of the chosen
package.
•
The shut down feature of the device operates
if its temperature exceeds its design limit as
might occur during external faults, short
circuits etc. If the regulator is supplied from
an inductive source then a large voltage
transient, on the regulator input, can result
should the shut down circuit operate. It is
advised that a capacitor (1 F or greater)
should be applied across the regulator input
to ensure that the maximum voltage rating of
the device is not exceeded under shutdown
conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com