Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZR458 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZR458
Description  PRECISION 2.45 VOLT VOLTAGE REFERENCE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZR458 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZR458 Datasheet HTML 1Page - Diodes Incorporated ZR458 Datasheet HTML 2Page - Diodes Incorporated ZR458 Datasheet HTML 3Page - Diodes Incorporated ZR458 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABSOLUTE MAXIMUM RATING
Reverse Current
200mA
Forward Current
25mA
Operating Temperature
-40 to 85°C
Storage Temperature
-55 to 125°C
Power Dissipation (Tamb=25°C)
E-Line, 2 pin (TO92)
500mW
ELECTRICAL CHARACTERISTICS
TEST CONDITIONS (Unless otherwise stated) Tamb=25°C
SYMBOL PARAMETER
CONDITIONS
LIMITS
TOL.
%
UNITS
MIN
TYP MAX
VR
Reverse Breakdown Voltage
I
R=5mA
2.43
2.45 2.47
1
V
IMIN
Minimum Operating Current
2
mA
IR
Recommended Operating
Current
2120
mA
TC †
Average Reverse
ZR458
Breakdown Voltage
Temp. Co.
ZR458A IR(min) to
IR(max)
30
15
100
50
ppm/°C
RS §
Slope Resistance
0.26 0.5
Ω
ZR
Reverse Dynamic Impedance
IR =5mA
f = 100Hz
IAC=0.1 IR
0.28 1
Ω
EN
Wideband Noise Voltage
IR= 5mA
f = 10Hz to
10kHz
65
µV(rms)
ZR458
†
TC =
(VR(max)−VR(min)) x 1000000
VR x (T(max)−T(min))
Note: VR(max) - VR(min) is the maximum
deviation in reference voltage measured
over the full operating temperature
range.
§
RS =
VR Change(IR (min) to IR (max))
IR (max) − IR (min)
4-197
Not Recommended for New Design
Please Use ZRC250F01



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com