Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMR Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZMR
Description  FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZMR Datasheet(HTML) 2 Page - Diodes Incorporated

  ZMR Datasheet HTML 1Page - Diodes Incorporated ZMR Datasheet HTML 2Page - Diodes Incorporated ZMR Datasheet HTML 3Page - Diodes Incorporated ZMR Datasheet HTML 4Page - Diodes Incorporated ZMR Datasheet HTML 5Page - Diodes Incorporated ZMR Datasheet HTML 6Page - Diodes Incorporated ZMR Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZMR Series
Document number: DS32195 Rev. 11 - 2
2 of 7
www.diodes.com
March 2013
© Diodes Incorporated
ZMR Series
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Parameter
Rating
Unit
Input Voltage
ZMR250
ZMR330
ZMR500
22.5
24
25
V
Power Dissipation (TAMB = +25°C) (Note 6)
SOT23
500
mW
Output Current (IO)
100
mA
Ambient Temperature
-55 to +125
°C
Maximum Junction Temperature
125
°C
Storage Temperature
-65 to +150
°C
Notes:
4. The maximum operating input voltage and output current of the device will be governed by the maximum power dissipation of the selected package.
Maximum package power dissipation is specified at 25°C and must be linearly derated to zero at TAMB = +125°C.
5. The following data represents pulse test conditions with junction temperatures as indicated at the initiation of the test. Continuous operation of the
devices with the stated conditions might exceed the power dissipation limits of the chosen package.
6. Maximum power dissipation for the SOT23 package, is calculated assuming that the device is mounted on a ceramic substrate measuring
15x15x0.6mm.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Electrical Characteristics (@TA = +25°C, I
O = 10mA, VIN = 6.5V, unless otherwise specified.)
ZMR250
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VO
Output Voltage
2.438
2.5
2.563
V
IO = 0 to 50mA
TJ = -55°C to +125°C
2.360
2.640
V
VIN = 4.5 to 22.5V
IO = 0 to 50mA
TJ = -55°C to +125°C
2.630
2.640
V
ΔVO
Line Regulation
VIN = 4.5 to 22.5V
5
15
mV
ΔVO
Load Regulation
IO = 0 to 50mA
IO = 0 to 10mA
20
12
30
mV
IS
Supply Current
TJ = -55°C to +125°C
30
40
µA
ΔIS
Supply Current
Change
IO = 0 to 50mA
VIN = 4.5 to 22.5V
1
2
±10
10
µA
VN
Output Noise
Voltage
f = 10Hz to 10kHz
65
µVrms
ΔVIN/ΔVO
Ripple Rejection
VIN = 6.3 to 18V
f = 120Hz
55
75
dB
VIN
Input Voltage
Required to Maintain
Regulation
3.9
V
ΔVO/ΔT
AverageTemperature
Coeffcient VO
IO = 5.0mA
TJ = -55°C to +125°C
0.275
0.700
mV/°C
Input Voltage Range
Min
Max
Unit
ZMR250
4.2
22.5
V
ZMR330
4.8
24
V
ZMR500
7.0
25
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com