Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NREAX Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NREAX
Description  Miniature Aluminum Electrolytic Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NREAX Datasheet(HTML) 2 Page - NIC-Components Corp.

  NREAX Datasheet HTML 1Page - NIC-Components Corp. NREAX Datasheet HTML 2Page - NIC-Components Corp. NREAX Datasheet HTML 3Page - NIC-Components Corp. NREAX Datasheet HTML 4Page - NIC-Components Corp. NREAX Datasheet HTML 5Page - NIC-Components Corp. NREAX Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
LEAD SPACING AND DIAMETER (mm)
Case Dia. (D
φ)
5
6.3
8
Lead Dia. (d
φ)
0.45
Lead Spacing (F)
2.0
2.5
3.5
Dim.
α
0.5
Dim.
β
1.0
NRE-AX 150 M 400V 10X16 TB F...
RoHS Compliant
TB = Tape & Box*
Case Size (D
φ x L)
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
significant, third character is multiplier
Series
PART NUMBER SYSTEM
*see taping specifications for details
DIMENSIONS (mm)
d
φ ± 0.05
Sleeve
F ± 0.5
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking
Drawing is representative of parts as supplied in bulk or
straight lead format, please see taping specification for details
on taped format packaging.
-
+
Frequency (Hz)
60
120
500
1K
10K >
4.7 ~ 8.2
μF
0.65
1.00
1.20
1.30
1.50
10 ~ 15
μF
0.80
1.00
1.20
1.30
1.50
RIPPLE CURRENT FREQUENCY
CORRECTION FACTORS
Miniature Aluminum Electrolytic Capacitors
NRE-AX Series
Part Number
Cap.
(
μF)
W.V.
(Vdc))
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mA)
+105°C/120Hz
Load Life Hours
@ +105°C
NRE-AX4R7M400V8X9F
4.7
400
0.25
50
2,000
NRE-AX6R8M400V8X10.8F
6.8
0.25
70
2,000
NRE-AX8R2M400V8X16F
8.2
0.25
85
2,000
NRE-AX8R2M400V10X9F
8.2
0.25
85
2,000
NRE-AX100M400V10X12.5F
10
0.25
100
2,000
NRE-AX120M400V8X20F
12
0.25
120
2,000
NRE-AX150M400V10X16F
15
0.25
150
2,000
STANDARD PRODUCT, SPECIFICATIONS AND CASE SIZES D
φ x L (mm)
Frequency (Hz)
120
500
1K
100K <
68 ~ 300
μF
0.50
0.73
0.92
1.00
330 ~ 750
μF
0.55
0.77
0.94
1.00
820 ~ 1200
μF
0.60
0.80
0.96
1.00
6.3V ~ 10V
400V
Case Dia. (D
φ)
5
6.3
8
10
Lead Dia. (d
φ)
0.5
0.6
Lead Spacing (F)
2.0
2.5
3.5
5.0
Dim.
α
0.5
Dim.
β
6.3V ~ 10V
β = 1.5
400V L < 10.8
β = 1.5
L > 12.5
β = 2.0
L < 7.5mm
L > 9.0mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com