Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSPRT Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NSPRT
Description  Hybrid Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSPRT Datasheet(HTML) 2 Page - NIC-Components Corp.

  NSPRT Datasheet HTML 1Page - NIC-Components Corp. NSPRT Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Miniature Aluminum Electrolytic Capacitors
NSPRT Series
LEAD SPACING AND DIAMETER (mm)
Case Dia. (D
φ)
6.3
8
10
Lead Dia. (d
φ)
0.45
0.6
0.7
Lead Spacing (F)
0.25
3.5
5.0
Dim.
α
0.5
Dim.
Β
1.5
STANDARD PRODUCT AND CASE SIZE TABLE D
φxL (mm)
DIMENSIONS (mm)
d
φ ± 0.05
Laminated Case
F ± 0.5
D
φ ± α
5mm
Min.
15mm Min.
L +
β max.
Polarity Marking
-
+
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipation Factor
+20°C/120Hz
Leakage Current
(
μA) after 2 minutes
Ripple Current Rating
(mA) +125°C/100KHz
Max. ESR (m
Ω)
+20°C/100KHz
Load Life Hours
@+125°C
NSPRT121M16V6.3X7.2YF
120
16
0.16
100.0
1160
40
1,500
NSPRT271M16V8X9.5YF
270
0.16
216.0
1540
26
2,500
NSPRT471M16V10X9.5YF
470
0.16
376.0
2010
21
2,500
NSPRT561M16V10X11.5YF
560
0.16
448.0
2320
15
2,500
NSPRT680M25V6.3X7.2YF68
25
0.16
100.0
980
45
2,000
NSPRT151M25V8X9.5YF
150
0.16
187.5
1330
27
3,000
NSPRT271M25V10X9.5YF
270
0.16
337.5
1520
22
3,000
NSPRT331M25V10X11.5YF
330
0.16
412.5
1740
16
3,000
NSPRT470M35V6.3X7.2YF47
35
0.16
100.0
910
60
2,000
NSPRT101M35V8X9.5YF
100
0.16
175.0
1260
30
3,000
NSPRT151M35V10X9.5YF
150
0.16
262.5
1480
23
3,000
NSPRT221M35V10X11.5YF
220
0.16
385.0
1700
17
3,000
NSPRT270M40V6.3X7.2YF27
40
0.16
100.0
870
70
2,000
NSPRT560M40V8X9.5YF
56
0.16
112.0
1220
32
3,000
NSPRT101M40V10X9.5YF
100
0.16
200.0
1440
24
3,000
NSPRT121M40V10X11.5YF
120
0.16
240.0
1650
18
3,000
NSPRT150M50V6.3X7.2YF15
50
0.16
100.0
840
80
2,000
NSPRT330M50V8X9.5YF
33
0.16
100.0
1170
35
3,000
NSPRT560M50V10X9.5YF
56
0.16
140.0
1390
25
3,000
NSPRT820M50V10X11.5YF
82
0.16
205.0
1590
19
3,000
NSPRT100M63V6.3X7.2YF
10
0.16
100.0
740
100
2,000
NSPRT220M63V8X9.5YF
22
0.16
100.0
1090
40
3,000
NSPRT330M63V8X9.5YF33
63
0.16
104.0
1090
40
3,000
NSPRT330M63V10X9.5YF
33
0.16
104.0
1260
30
3,000
NSPRT470M63V10X9.5YF
47
0.16
148.1
1260
30
3,000
NSPRT560M63V10X11.5YF
56
0.16
176.4
1440
22
3,000
NSPRT120M80V10X9.5YF12
80
0.16
100.0
900
70
3,000
NSPRT150M80V10X9.5YF
15
0.16
100.0
900
70
3,000
NSPRT180M80V10X11.5YF
18
0.16
100.0
1100
50
3,000
NSPRT100M100V10X9.5YF10
100
0.16
100.0
870
80
3,000
NSPRT120M100V10X9.5YF
12
0.16
100.0
870
80
3,000
NSPRT150M100V10X11.5YF
15
0.16
100.0
1000
60
3,000
Frequency (Hz)
100
1K
10K
>100K
10
μF ~ 33μF
0.05
0.32
0.67
1.00
47
μF ~ 560μF
0.10
0.35
0.70
1.00
RIPPLE CURRENT FREQUENCY CORRECTION FACTORS
T2D
100
35v
MARKING
Date Code
2 = year 2012
4 = month (1 - 9 Jan ~ Sept, O = Oct, N = Nov, D = Dec.)
Capacitance
Voltage
Series
Top Vent
10mm Dia.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com