Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2F1G22DS Datasheet(PDF) 3 Page - RFHIC

Part # 2F1G22DS
Description  CATV Line Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

2F1G22DS Datasheet(HTML) 3 Page - RFHIC

  2F1G22DS Datasheet HTML 1Page - RFHIC 2F1G22DS Datasheet HTML 2Page - RFHIC 2F1G22DS Datasheet HTML 3Page - RFHIC 2F1G22DS Datasheet HTML 4Page - RFHIC 2F1G22DS Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CATV Line Amplifier
2F1G22DS
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
3 / 5
Version 5.8
Note for Correct Use
+
47㎌
1. On the power input port (Pin#5), 47uF/35V capacitor GND is
recommended.
2. The heat sink of CATV Hybrids is to be mounted in direct contact with
the metal case of the equipment. Heat conducting grease should be
applied to the module/equipment interface and the unit tightly secured.
3. Put the power off before adjusting in/output matching of the system.
4. The unit must have a common ground with the equipment and the
analyzer.
5. Pay close attention to the input voltage not to over power the hybrid.
6. The space between bottom of socket and the tip of the lead is
recommended to have space of 2mm+ to protect the pin
7. Do not open the plastic cover to change the matching inside the hybrid.
Once opened, RFHIC will not be responsible for the hybrid.
ESD Protection
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper
ESD control techniques should be used when handling these devices. Some of the precautions recommended are;
- Person at a workbench should be earthed via a wrist strap and a resistor.
- All mains-powered equipment should be connected to the mains via an earth-leakage switch.
- Equipment cases should be grounded.
- Relative humidity should be maintained between 40% and 50%.
- An ionizer is recommended.
- Keep static materials, such as plastic envelopes and plastic trays etc. away from the workbench.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com