Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2F8722CD Datasheet(PDF) 1 Page - RFHIC

Part # 2F8722CD
Description  CATV Line Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

2F8722CD Datasheet(HTML) 1 Page - RFHIC

  2F8722CD Datasheet HTML 1Page - RFHIC 2F8722CD Datasheet HTML 2Page - RFHIC 2F8722CD Datasheet HTML 3Page - RFHIC 2F8722CD Datasheet HTML 4Page - RFHIC 2F8722CD Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CATV Line Amplifier
2F8722CD
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
1 / 5
Version 1.2
Product Features
Applications
• GaAs Power Doubler
• Extremely Low Distortion
• Guaranteed Broadband Power Gain
• Excellent Thermal Conductivity
• Single Supply Voltage @ 24V
• Low DC Power Consumption
• Optimal Reliability
• CATV Trunk Amplifier
• Optical Drive Amplifier
Description
Hybrid Power Doubler amplifier for CATV Systems up to 870MHz in frequency.
This hybrid amplifier module operates with a single voltage supply of 24V(DC), and use GaAs MMIC technology.
Electrical Specifications @ VCC = 24V; Tcase = 25°C; ZS = ZL = 75Ω
PARAMETER
UNIT
MIN
TYP
MAX
SYMBOL
CONDITION
Operating Frequency
MHz
45
-
870
fO
-
Power Gain
dB
21
22
23
Gp
f = 45 MHz
21.5
23
24
f = 870 MHz
Slope Cable Equivalent
dB
-
0.5
-
SL
f = 45 ~ 870 MHz
Flatness of Frequency Response
dB
-
-
0.5
FL
f = 45 ~ 870 MHz
Input Return Loss
dB
20.0
-
-
S11
f = 45 ~ 160 MHz
18.0
-
-
f = 160 ~ 320 MHz
16.0
-
-
f = 320 ~ 640 MHz
15.0
-
-
f = 640 ~ 870 MHz
Output Return Loss
dB
20.0
S22
f = 45 ~ 160 MHz
18.0
-
-
f = 160 ~ 320 MHz
16.0
-
-
f = 320 ~ 640 MHz
15.0
-
-
f = 640 ~ 870 MHz
Noise Figure
dB
-
4.5
5.5
F
f = 45 MHz
-
4.9
5.9
f = 550 MHz
-
5.1
6.1
f = 750 MHz
-
5.3
6.3
f = 860 MHz
Total Current Consumption (DC)
mA
380
400
430
Itot
-
Package Type : SOT-115J


Similar Part No. - 2F8722CD

ManufacturerPart #DatasheetDescription
logo
RFHIC
2F8722CD RFHIC-2F8722CD Datasheet
210Kb / 3P
CATV Line Amplifier
More results

Similar Description - 2F8722CD

ManufacturerPart #DatasheetDescription
logo
RFHIC
2F8729D RFHIC-2F8729D Datasheet
228Kb / 4P
CATV Line Amplifier
2F8722D RFHIC-2F8722D Datasheet
163Kb / 3P
CATV Line Amplifier
2F8719DS RFHIC-2F8719DS Datasheet
164Kb / 3P
CATV Line Amplifier
2F8723P RFHIC-2F8723P Datasheet
163Kb / 3P
CATV Line Amplifier
1F8719P RFHIC-1F8719P Datasheet
199Kb / 3P
CATV Line Amplifier
2F1G20DS RFHIC-2F1G20DS_14 Datasheet
215Kb / 5P
CATV Line Amplifier
2F8718P RFHIC-2F8718P_14 Datasheet
214Kb / 5P
CATV Line Amplifier
2F8719DS RFHIC-2F8719DS_14 Datasheet
215Kb / 5P
CATV Line Amplifier
2F8720P RFHIC-2F8720P_14 Datasheet
214Kb / 5P
CATV Line Amplifier
2F8725P RFHIC-2F8725P_14 Datasheet
215Kb / 5P
CATV Line Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com