Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP9NM40N Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP9NM40N
Description  N-channel 400 V, 0.73 Ω typ., 5.6 A MDmesh™II Power MOSFET in DPAK and TO-220 packages
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP9NM40N Datasheet(HTML) 1 Page - STMicroelectronics

  STP9NM40N Datasheet HTML 1Page - STMicroelectronics STP9NM40N Datasheet HTML 2Page - STMicroelectronics STP9NM40N Datasheet HTML 3Page - STMicroelectronics STP9NM40N Datasheet HTML 4Page - STMicroelectronics STP9NM40N Datasheet HTML 5Page - STMicroelectronics STP9NM40N Datasheet HTML 6Page - STMicroelectronics STP9NM40N Datasheet HTML 7Page - STMicroelectronics STP9NM40N Datasheet HTML 8Page - STMicroelectronics STP9NM40N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
This is information on a product in full production.
December 2012
Doc ID 023762 Rev 2
1/18
18
STD9NM40N, STP9NM40N
N-channel 400 V, 0.73
Ω typ., 5.6 A MDmesh™ II Power MOSFET
in DPAK and TO-220 packages
Datasheet — production data
Features
■ 100% avalanche tested
■ Low input capacitance and gate charge
■ Low gate input resistance
Applications
■ Switching applications
Description
These devices are N-channel Power MOSFETs
developed using the second generation of
MDmesh™ technology. This revolutionary Power
MOSFET associates a vertical structure to the
company’s strip layout to yield one of the world’s
lowest on-resistance and gate charge. It is
therefore suitable for the most demanding high
efficiency converters.
Figure 1.
Internal schematic diagram
Order codes
VDSS@TJMAX RDS(on)max.
ID
STD9NM40N
450 V
< 0.79
Ω
5.6 A
STP9NM40N
DPAK
1
3
TAB
TO-220
1
2
3
TAB
Table 1.
Device summary
Order codes
Marking
Packages
Packaging
STD9NM40N
9NM40N
DPAK
Tape and reel
STP9NM40N
TO-220
Tube
www.st.com


Similar Part No. - STP9NM40N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP9NM40N ISC-STP9NM40N Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP9NM40N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD8NM50N STMICROELECTRONICS-STD8NM50N Datasheet
1Mb / 19P
N-channel 500 V, 0.73 廓 typ., 5 A MDmesh?줚I Power MOSFET in DPAK, TO-220 and IPAK packages
13-Sep-2012
STF8NM50N STMICROELECTRONICS-STF8NM50N Datasheet
1Mb / 19P
N-channel 500 V, 0.73 Ohm typ., 5 A MDmesh II Power MOSFET in DPAK, TO-220 and IPAK packages
13-Sep-2012
STD13NM50N STMICROELECTRONICS-STD13NM50N Datasheet
665Kb / 18P
N-channel 500 V, 0.285 Ω typ., 12 A MDmesh™ II Power MOSFET in a DPAK package
22-Oct-2018
STD9N80K5 STMICROELECTRONICS-STD9N80K5 Datasheet
387Kb / 19P
N-channel 800 V, 0.73 Ω typ., 7 A MDmesh™ K5 Power MOSFET in a DPAK package
12-Nov-2018
STDLED525 STMICROELECTRONICS-STDLED525 Datasheet
1Mb / 22P
N-channel 525 V, 1.2 Ω typ., 5.0 A Power MOSFET in DPAK, I2PAKFP, TO-220 and IPAK packages
25-Mar-2013
STDLED624 STMICROELECTRONICS-STDLED624 Datasheet
1Mb / 22P
N-channel 620 V, 2.2 Ω typ., 4.0 A Power MOSFET in DPAK, I2PAKFP, TO-220 and IPAK packages
21-Mar-2013
STP3LN80K5 STMICROELECTRONICS-STP3LN80K5 Datasheet
804Kb / 15P
N-channel 800 V, 2.75 Ω typ., 2 A MDmesh™ K5 Power MOSFET in TO-220 and IPAK packages
28-Jun-2016
STP9N80K5 STMICROELECTRONICS-STP9N80K5 Datasheet
795Kb / 16P
N-channel 800 V, 0.73 Ω typ., 7 A MDmesh™ K5 Power MOSFETs in a TO-220 and TO-247 packages
26-Jul-2016
STD3NK90ZT4 STMICROELECTRONICS-STD3NK90ZT4_V01 Datasheet
563Kb / 24P
N-channel 900 V, 3.6 Ω typ., 3 A SuperMESH™ Power MOSFETs in DPAK, TO-220 and TO-220FP packages
20-Aug-2018
STD5NK60ZT4 STMICROELECTRONICS-STD5NK60ZT4 Datasheet
582Kb / 24P
N-channel 600 V, 1.2 Ω typ., 5 A SuperMESH™ Power MOSFET in DPAK, TO-220 and TO-220FP packages
22-Aug-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com