Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC8H065 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPSC8H065
Description  650 V power Schottky silicon carbide diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC8H065 Datasheet(HTML) 2 Page - STMicroelectronics

  STPSC8H065 Datasheet HTML 1Page - STMicroelectronics STPSC8H065 Datasheet HTML 2Page - STMicroelectronics STPSC8H065 Datasheet HTML 3Page - STMicroelectronics STPSC8H065 Datasheet HTML 4Page - STMicroelectronics STPSC8H065 Datasheet HTML 5Page - STMicroelectronics STPSC8H065 Datasheet HTML 6Page - STMicroelectronics STPSC8H065 Datasheet HTML 7Page - STMicroelectronics STPSC8H065 Datasheet HTML 8Page - STMicroelectronics STPSC8H065 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Characteristics
STPSC8H065
2/14
DocID023603 Rev 4
1
Characteristics
To evaluate the conduction losses use the following equation: P = 1.35 x IF(AV) + 0.144 x IF
2
(RMS)
Table 2. Absolute ratings (limiting values at 25 °C unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
650
V
IF(RMS) Forward rms current
22
A
IF(AV)
Average forward
current
TO-220AC, DPAK, D2PAK, Tc = 140 °C
(1), DC
8
A
TO-220AC Ins, Tc = 95 °C
(1), DC
IFSM
Surge non
repetitive forward
current
tp = 10 ms sinusoidal, Tc = 25 °C
tp = 10 ms sinusoidal, Tc = 125 °C
tp = 10 µs square, Tc = 25 °C
75
69
420
A
IFRM
Repetitive peak
forward current
TO-220AC, DPAK, D2PAK, Tc = 140 °C
(1), T
j = 175 °C, δ = 0.1
33
A
TO-220AC Ins, Tc = 95 °C
(1), T
j = 175 °C, δ = 0.1
Tstg
Storage temperature range
-55 to +175
°C
Tj
Operating junction temperature(2)
-40 to +175
°C
1.
Value based on Rth(j-c) max.
2.
condition to avoid thermal runaway for a diode on its own heatsink
dP tot
dTj
---------------
1
Rth j
a
()
--------------------------
<
Table 3. Thermal resistance
Symbol
Parameter
Typ. value
Max. value
Unit
Rth(j-c)
Junction to case
TO-220AC, DPAK, D2PAK
1.3
1.6
°C/W
TO-220AC Ins
2.45
3.8
Table 4. Static electrical characteristics
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-7
80
µA
Tj = 150 °C
-
65
335
VF
(2)
Forward voltage drop
Tj = 25 °C
IF = 8 A
-1.56
1.75
V
Tj = 150 °C
-
1.98
2.5
1.
tp = 10 ms, δ < 2%
2.
tp = 500 µs, δ < 2%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com