Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RO3115 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # RO3115
Description  417.5 MHz SAW Resonator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RO3115 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  RO3115 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RO3115 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.RFM.com E-mail: info@rfm.com
Page 2 of 2
©2008 by RF Monolithics, Inc.
RO3115 - 1/6/09
Electrical Connections
This one-port, two-terminal SAW resonator is bidirectional. The terminals
are interchangeable with the exception of circuit board layout.
Typical Test Circuit
The test circuit inductor, LTEST, is tuned to resonate with the static
capacitance, CO at FC.
Typical Application Circuits
Temperature Characteristics
Equivalent LC Model
The following equivalent LC model is valid near resonance:
Case Design
Pin
Connection
1
Terminal 1
2
Terminal 2
3
Case Ground
Network
Analyzer
Network
Analyzer
Electrical Test:
1
2
3
Ω
Ω
50
Ω
Source at
F
C
Low-Loss
Matching
Network
50
Ω
to
Power Test:
P
P
INCIDENT
INCIDENT
CW RF Power Dissipation =
-
REFLECTED
REFLECTED
P
P
3
2
1
MPS-H10
+9VDC
47
RF Bypass
L1
C1
C2
200k
Ω
Modulation
Input
ROXXXX
Bottom View
470
Typical Low-Power Transmitter Application:
1
2
3
(Antenna)
+VDC
RF Bypass
L1
C2
ROXXXX
Bottom View
Typical Local Oscillator Application:
1
2
3
Output
+VDC
C1
Dimensions
Millimeters
Inches
Min
Max
Min
Max
A
9.40
0.370
B
3.18
0.125
C
2.50
3.50
0.098
0.138
D
0.46 Nominal
0.018 Nominal
E
5.08 Nominal
0.200 Nominal
F
2.54 Nominal
0.100 Nominal
G
2.54 Nominal
0.100 Nominal
H
1.02
0.040
J1.40
0.055
The curve shown on the right
accounts for resonator
contribution only and does not
include oscillator temperature
characteristics.
-80 -60 -40 -20
0 +20 +40 +60
0
-50
-100
-150
+80
-200
0
-50
-100
-150
-200
f
C = f O , T C = T O
∆T = T
C - T O ( °C )
0.5 pF*
0.25 pF*
Cp
Co=
+
*Case Parasitics
R
L
C
0.5 pF*
C p
1
2
3
MM
M
B
45°
J
(2 places)
D
(3 places)
H
G
E
F
C
A
Bottom View
Pin 1
Pin 2
Pin 3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com