Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT230PD Datasheet(PDF) 2 Page - RFHIC

Part # RT230PD
Description  Power Transistor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RT230PD Datasheet(HTML) 2 Page - RFHIC

  RT230PD Datasheet HTML 1Page - RFHIC RT230PD Datasheet HTML 2Page - RFHIC RT230PD Datasheet HTML 3Page - RFHIC RT230PD Datasheet HTML 4Page - RFHIC RT230PD Datasheet HTML 5Page - RFHIC RT230PD Datasheet HTML 6Page - RFHIC RT230PD Datasheet HTML 7Page - RFHIC RT230PD Datasheet HTML 8Page - RFHIC RT230PD Datasheet HTML 9Page - RFHIC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Power Transistor
RT230PD
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
2 / 32
Version 5.2
Environmental Characteristics
PARAMETER
UNIT
MIN
TYP
MAX
SYMBOL
Saturated Drain Current
mA
-
1100
-
Idss
Transconductance
mS
-
790
-
gm
Pinch-off Voltage
V
-1
-1.8
-3
Vp
Breakdown Voltage Gate-Source
V
-18
-
-25
Bvgs
Breakdown Voltage Gate-Drain
V
-18
-
-25
Bvgd
Output Power @ 1dB G.C.P
dBm
34
34.5
-
P1dB
Power Gain @ 1dB G.C.P
dB
-
14.5
-
G1dB
Power added efficiency
%
-
50
-
ηadd
Thermal Resistance
℃
/W
-
18
20
Rth
* Test Conditions : Vd=9V, Id=450mA, Ta=+25℃, Frequency=2.3GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com