Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TG2000-10 Datasheet(PDF) 2 Page - RFHIC

Part # TG2000-10
Description  GaN Hybrid Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

TG2000-10 Datasheet(HTML) 2 Page - RFHIC

  TG2000-10 Datasheet HTML 1Page - RFHIC TG2000-10 Datasheet HTML 2Page - RFHIC TG2000-10 Datasheet HTML 3Page - RFHIC TG2000-10 Datasheet HTML 4Page - RFHIC TG2000-10 Datasheet HTML 5Page - RFHIC TG2000-10 Datasheet HTML 6Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Preliminary
GaN Hybrid Power Amplifier
TG2000-10
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facilities : 919-677-8780 / sales@rfhicusa.com
2 / 6
Version 0.6
Mechanical Specifications
PARAMETER
UNIT
TYP
REMARK
Mass
g
1
-
Dimension
mm
15 x 10 x 5.4
Outermost
Absolute Maximum Ratings
PARAMETER
UNIT
RATING
SYMBOL
Gate-Source Voltage
V
-10 ~ 0
Vgs
Drain-Source Voltage
V
50
Vds
Gate Current
mA
3.6
Ig
Operating Junction Temperature
°C
225
TJ
Operating Case Temperature
°C
-40 ~ 85
TC
Storage Temperature
°C
-40 ~ 100
TSTG
Operating Voltages
PARAMETER
UNIT
MIN
TYP
MAX
SYMBOL
Drain Voltage
V
-
+28
-
Vds
Gate Voltage (on-state)
V
-
Vgs@Idq
-2
Vgs
Gate Voltage (off-state)
V
-
-8
-
Vgs
Block Diagram
Input
Matching
Circuit
Output
Matching
Circuit
Input
Output
390Ω
1nF
1uF
Input
Matching
Circuit
Output
Matching
Circuit
Input
Matching
Circuit
Output
Matching
Circuit
Input
Output
390Ω
1nF
1uF
+Vds
-Vgs
Input
Matching
Circuit
Output
Matching
Circuit
Input
Output
-Vgs
+Vds
200MHz~2000MHz
30MHz~2000MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com