Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMF Datasheet(PDF) 2 Page - StarHope

Part # PMF
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 190 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

PMF Datasheet(HTML) 2 Page - StarHope

  PMF Datasheet HTML 1Page - StarHope PMF Datasheet HTML 2Page - StarHope PMF Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
◎ For surface mounted applications in order to optimize
board space
◎ Low profile package
◎ Built-in strain relief
◎ Glass passivated junction
◎ Low inductance
◎ Excellent clamping capability
◎ Repetition Rate (duty cycle):0.01%
◎ Fast response time: typically less than 1.0ps from
0 Volts to V(BR) for unidirectional types
◎ Typical IR less than 1µA above 10V
Flammability 94V-O
◎ Pb-free plated
SYMBOL VALUE
UNITS
PPPM
Minimu
m 200
Watts
IPPM
SEE
TABLE 1
Amps
IFSM
20
Amps
TJ , TSTG
-55 to +
150
Notes :
1.Non-repetitive current pulse , per Fig. 3 and derated above TA = 25℃ per Fig. 2 .
2.Mounted on 5.0mm x 5.0mm (0.03mm thick) Copper Pads to each terminal
3.8.3ms single half sine-wave , or equivalent square wave, Duty cycle = 4 pulses per minutes maximum.
Operating junction and Storage Temperature Range
RATING
Peak Pulse Power Dissipation on 10/1000µs waveform (Note 1,2 ,FIG.1)
Peak Pulse Current of on 10/1000µs waveform (Note 1,FIG.3)
Peak Forward Surge Current,8.3ms Single Half Sine-Wave
Superimposed on Rated Load,(JEDEC Method) (Note2,3)
For Bidirectional use C or CA Suffix for types PMF5.0 thru types PMF170 (e.g. PMF5.0C , PMF170CA)
Electrical characteristics apply in both directions
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
FEATURES
◎ High Temperature solderting: 260°C/10 seconds
◎ Plastic package has Underwriters Laboratory
DEVICES FOR BIPOLAR APPLICATION
at terminals
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STAND-OFF VOLTAGE - 5.0 TO 190 Volts
200 Watt Peak Pulse Power
Mechanical Date
Case: JEDEC SOD-123 molded plastic over passivated chip
Terminals: Solder plated, solderable per MIL-STD-750 Method 2026
Polarity: For uni-directional types the bandby laser denotes the cathode, which is
positive with respect to the anode under normal TVS operation
Dimensions in inches and(millimeters)
02 | www.spsemi.cn
PMF(200W) Series
0.04 1.00
0.02 0.50
(
)
(
)
0.114 2.9
0.098 2.5
(
)
(
)
0.152 3.82
0.138 3.5
(
)
(
)
CathodeBand
SOD-123
0.077 1.95
0.055 1.38
(
)
(
)
0.053 1.33
0.031 0.8
(
)
(
)
0.043 1.10
0.010 0.25
(
)
(
)
0.010 0.250
0.002 0.050
(
)
(
)
REV.2014.05.01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com