Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32D Datasheet(PDF) 2 Page - StarHope

Part # 32D
Description  Varistor Type MYG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

32D Datasheet(HTML) 2 Page - StarHope

  32D Datasheet HTML 1Page - StarHope 32D Datasheet HTML 2Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Note:
2、Varistor voltage is measured at 0.1 mA for 05D, and at 1 mA for 07D, 10D, 14D, 20D,25D,32D respectively.
3、Operating Temperature Range: -40℃~+85℃
Storage Temperature Range: -40℃~+125℃
32D Series
02 | www.spsemi.cn
Varistor Voltage
Withstanding
Surge Current
Maximum
Energy
(10/100
μS)
Typical
Capacitance
(Reference)
VAC(V)
VDC(V)
V1mA(V)
IP(A)
VC(V)
I(A)
(J)
1KHz(pf)
32D162K
1000
1280
1600(1440-1760)
200
2640
25000
1080
700
32D142K
880
1140
1400(1260-1540)
200
2310
25000
1020
800
32D122K
750
990
1200(1350-1650)
200
1980
25000
960
920
32D112K
680
895
1100(990-1210)
200
1815
25000
910
1000
32D102K
625
825
1000(900-1100)
200
1650
25000
810
1100
32D951K
575
765
950(855-1045)
200
1570
25000
780
1200
32D911K
550
745
910(819-1001)
200
1500
25000
750
1300
32D821K
510
670
820(738-902)
200
1355
25000
700
1800
32D781K
485
640
780(702-858)
200
1290
25000
660
1900
32D751K
460
615
750(675-825)
200
1240
25000
620
2000
32D681K
420
560
680(612-748)
200
1120
25000
600
2200
32D621K
385
505
620(558-682)
200
1025
25000
570
2400
32D561K
350
460
560(504-616)
200
925
25000
540
2550
32D511K
320
415
510(459-561)
200
845
25000
510
2700
32D471K
300
385
470(423-517)
200
775
25000
460
2800
32D431K
275
350
430(387-473)
200
710
25000
430
3100
32D391K
250
320
390(351-429)
200
650
25000
400
3200
32D361K
230
300
360(324-396)
200
595
25000
380
3900
32D331K
210
275
330(297-363)
200
550
25000
360
4300
32D301K
190
250
300(270-330)
200
500
25000
330
4550
32D271K
175
225
270(243-297)
200
455
25000
300
4800
32D241K
150
200
240(216-264)
200
395
25000
290
5100
32D221K
140
180
220(198-242)
200
360
25000
270
5150
32D201K
130
170
200(180-220)
200
340
25000
250
5200
part Number
Maximum
Allowable
Voltage
Maximum
Clamping Voltage
Specification and Electrical Characteristics
REV.2014.05.01
Stand for commonly used models
*
1、



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com