Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25D Datasheet(PDF) 2 Page - StarHope

Part # 25D
Description  Varistor Type MYG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

25D Datasheet(HTML) 2 Page - StarHope

  25D Datasheet HTML 1Page - StarHope 25D Datasheet HTML 2Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Note:1、Varistor voltage is measured at 0.1 mA for 05D, and at 1 mA for 07D, 10D, 14D, 20D,25D respectively.
2、Operating Temperature Range: -40℃~+85℃
Storage Temperature Range: -40℃~+125℃
25D Series
02 | www.spsemi.cn
Varistor Voltage
Withstanding
Surge Current
Maximum
Energy
(10/100
μS)
Typical
Capacitance(R
eference)
VAC(V)
VDC(V)
V1mA(V)
IP(A)
VC(V)
I(A)
(J)
1KHz(pf)
25D162K
1000
1280
1600(1440-1760)
150
2640
15000
970
450
25D142K
880
1140
1400(1260-1540)
150
2310
15000
850
500
25D122K
750
990
1200(1350-1650)
150
1980
15000
770
550
25D112K
680
895
1100(990-1210)
150
1815
15000
770
600
25D102K
625
825
1000(900-1100)
150
1650
15000
685
650
25D911K
550
745
910(819-1001)
150
1500
15000
620
700
25D821K
510
670
820(738-902)
150
1355
15000
570
800
25D781K
485
640
780(702-858)
150
1290
15000
530
850
25D751K
460
615
750(675-825)
150
1240
15000
510
850
25D681K
420
560
680(612-748)
150
1120
15000
450
950
25D621K
385
505
620(558-682)
150
1025
15000
460
1050
25D561K
350
460
560(504-616)
150
925
15000
440
1150
25D511K
320
415
510(459-561)
150
845
15000
420
1250
25D471K
300
385
470(423-517)
150
775
15000
400
1400
25D431K
275
350
430(387-473)
150
710
15000
380
1500
25D391K
250
320
390(351-429)
150
650
15000
360
1600
25D361K
230
300
360(324-396)
150
595
15000
330
1750
25D331K
210
275
330(297-363)
150
550
15000
300
1900
25D301K
190
250
300(270-330)
150
500
15000
275
2100
25D271K
175
225
270(243-297)
150
455
15000
255
2400
25D241K
150
200
240(216-264)
150
395
15000
220
2650
25D221K
140
180
220(198-242)
150
360
15000
200
2900
25D201K
130
170
200(180-220)
150
340
15000
190
3200
part Number
Maximum
Allowable Voltage
Maximum
Clamping
Voltage
Specification and Electrical Characteristics
REV.2014.05.01



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com