Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

14D Datasheet(PDF) 2 Page - StarHope

Part # 14D
Description  Varistor Type MYG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

14D Datasheet(HTML) 2 Page - StarHope

  14D Datasheet HTML 1Page - StarHope 14D Datasheet HTML 2Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Maximum
Energy
Rated
Wattage
Varistor Voltage
Maximum
Clamping
Voltage
Acrms
DC
10/100
μS
1 time
2times
V1mA
V50A
(V)
(V)
(J)
(V)
(V)
14D182K
1000
1465
336.0
1800(1620-1980)
2970
14D152K
750
1300
266.0
1500(1350-1650)
2475
14D112K
680
895
217.0
1100(990-1210)
1815
14D102K
625
825
217.0
1000(900-1100)
1650
14D911K
550
745
217.0
910(819-1001)
1500
14D821K
510
670
203.0
820(738-902)
1355
14D781K
485
640
203.0
780(702-858)
1290
14D751K
460
615
203.0
750(675-825)
1240
14D681K
420
560
168.0
680(612-748)
1120
14D621K
385
505
168.0
620(558-682)
1025
14D561K
350
460
149.8
560(504-616)
920
14D511K
320
415
149.8
510(459-561)
845
14D471K
300
385
149.8
470(423-517)
775
14D431K
275
350
145.6
430(387-473)
710
14D391K
250
320
134.4
390(351-429)
650
14D361K
230
300
123.2
360(324-396)
595
14D331K
210
275
112.0
330(297-363)
550
14D301K
190
250
103.2
300(270-330)
505
14D271K
175
225
93.8
270(243-297)
455
14D241K
150
200
82.6
240(216-264)
395
14D221K
140
180
79.8
220(198-242)
360
14D201K
130
170
79.8
200(180-220)
330
14D181K
115
150
58.8
180(162-198)
300
14D151K
95
125
51.8
150(135-165)
250
14D121K
75
100
40.6
120(108-132)
200
14D101K
60
85
33.6
100(90-110)
165
14D820K
50
65
29.4
82(74-90)
135
14D680K
40
56
23.8
68(61-75)
*135
14D560K
35
45
19.6
56(50-62)
*110
14D470K
30
38
16.8
47(42-52)
*93
14D390K
25
31
13.2
39(35-43)
*77
14D330K
20
26
12.3
33(30-36)
*65
14D270K
17
22
9.7
27(24-30)
*53
14D220K
14
18
7.6
22(20-24)
*43
14D180K
11
14
6.6
18(15-21)
*38
1000
500
0.1
Part Number
Maximum
Allowable Voltage
Withstanding Surge
Current 8/20
μs
(W)
(A)
4500
2500
0.6
14D Series
02 | www.spsemi.cn
Specification and Electrical Characteristics
REV.2014.05.01
*
*
*
*
Note:
2、Varistor voltage is measured at 0.1 mA for 05D, and at 1 mA for 07D, 10D, 14D, 20D, respectively.
3、Operating Temperature Range: -40℃~+85℃
Storage Temperature Range: -40℃~+125℃
Stand for commonly used models
*
1、



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com