Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

07D Datasheet(PDF) 2 Page - StarHope

Part # 07D
Description  Varistor Type MYG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

07D Datasheet(HTML) 2 Page - StarHope

  07D Datasheet HTML 1Page - StarHope 07D Datasheet HTML 2Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
07D Series
02 | www.spsemi.cn
Maximum
Energy
Rated
Wattage
Varistor Voltage
Maximum
Clamping
Voltage
Acrms
DC
10/100
μS
1 time
2times
V1mA
V5A
(V)
(V)
(J)
(V)
(V)
07D821K
510
670
67.2
820(738-902)
1355
07D781K
485
640
67.2
780(702-858)
1290
07D751K
460
615
67.2
750(675-825)
1240
07D681K
420
560
61.6
680(612-748)
1120
07D621K
385
505
61.6
620(558-682)
1025
07D561K
350
460
56.0
560(504-616)
920
07D511K
320
415
56.0
510(459-561)
845
07D471K
300
385
56.0
470(423-517)
775
07D431K
275
350
50.4
430(387-473)
710
07D391K
250
320
46.2
390(351-429)
650
07D361K
230
300
42.0
360(324-396)
595
07D331K
210
275
37.8
330(297-363)
550
07D301K
190
250
35.0
300(270-330)
505
07D271K
175
225
32.2
270(243-297)
455
07D241K
150
200
28.0
240(216-264)
395
07D221K
140
180
28.0
220(198-242)
360
07D201K
130
170
25.2
200(180-220)
330
07D181K
115
150
18.2
180(162-198)
300
07D151K
95
125
16.8
150(135-165)
250
07D121K
75
100
14.0
120(108-132)
200
07D101K
60
85
11.6
100(90-110)
165
07D820K
50
65
9.8
82(74-90)
135
07D680K
40
56
7.3
68(61-75)
*135
07D560K
35
45
6.2
56(50-62)
*110
07D470K
30
38
5.0
47(42-52)
*93
07D390K
25
31
4.2
39(35-43)
*77
07D330K
20
26
3.5
33(30-36)
*65
07D270K
17
22
2.8
27(24-30)
*53
07D220K
14
18
2.4
22(20-24)
*43
07D180K
11
14
2.1
18(15-21)
*38
250
125
0.02
Part Number
Maximum Allowable
Voltage
Withstanding Surge
Current 8/20
μs
(W)
(A)
1200
600
0.25
Specification and Electrical Characteristics
REV.2014.05.01
*
*
*
*
Note:
2、Varistor voltage is measured at 0.1 mA for 05D, and at 1 mA for 07D, 10D, 14D, 20D, respectively.
3、Operating Temperature Range: -40℃~+85℃
Storage Temperature Range: -40℃~+125℃
Stand for commonly used models
*
1、



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com