Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5KP Datasheet(PDF) 2 Page - StarHope

Part # 5KP
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 250 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

5KP Datasheet(HTML) 2 Page - StarHope

  5KP Datasheet HTML 1Page - StarHope 5KP Datasheet HTML 2Page - StarHope 5KP Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FEATURES
◎ Plastic package
◎ Glass passivated chip junction
waveform
◎ Excellent clamping capability
◎ Pepetition rate(duty cycle):0.05%
◎ Low incremental surge resistance
◎ Typical IR less than 2μA above 10V
◎ High temperature soldering guaranteed: 265°C/10 seconds/.375",
(9.5mm) lead length, 5lbs., (2.3kg) tension
◎ Pb-free plated
MECHANICAL DATA
Case: Molded plastic over glass passivated junction
Polarity: Color band denotes positive end (cathode)
except Bipolar
Mounting Position: Any
Weight: 0.07ounce, 2.1gram
SYMBOL VALUE
UNITS
PPPM
Minimu
m 5000
Watts
IPPM
SEE
TABLE
1
Amps
PM (AV)
8
Watts
IFSM
400
Amps
TJ , TSTG
-55 to
+ 175
℃
Notes :
1.Non-repetitive current pulse , per Fig. 3 and derated above TA = 25℃ per Fig. 2 .
2.Mounted on Copper Pad area of 0.8×0.8" (20×20mm) per Fig. 5.
3.8.3ms single half sine-wave , or equivalent square wave, Duty cycle = 4 pulses per minutes maximum.
◎ 5000W Peak Pulse Power capability on 10/1000μs
Peak Forward Surge Current,8.3ms Single Half Sine-Wave
Superimposed on Rated Load,(JEDEC Method) (Note 3)
Operating junction and Storage Temperature Range
RATING
Peak Pulse Power Dissipation on 10/1000µs waveform (Note 1,FIG.1)
Peak Pulse Current of on 10/1000µs waveform (Note 1,FIG.3)
Bidirectional use C or CA Suffix for types 5KP5.0 thru types 5KP220 (e.g. 5KP5.0C , 5KP220
Ratings at 25℃ ambient temperature unless otherwise specified.
◎
Electrical characteristics apply in both directions
Steady State Power Dissipation at TL = 75℃ , Lead
lengths.375",(9.5mm) (Note 2)
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
STAND-OFF VOLTAGE - 5.0 TO 250 Volts
5000 Watt Peak Pulse Power
Terminal: Solderable per MIL-STD-750, Method 2026
DEVICES FOR BIPOLAR APPLICATION
MAXIMUM RATINGS AND CHARACTERISTICS
1.0 (25.4)
MIN.
0.360 (9.1)
0.340 (8.6)
DIA.
0.052 (1.32)
0.048 (1.22)
DIA.
Case Style P600
Dimensions in inches and(millimeters)
0.360 (9.1)
0.340 (8.6)
1.0 (25.4)
MIN.
Fast response time: typically less than 1.0ps from 0 Volts to BV min.
02 | www.spsemi.cn
5KP(5000W) Series
REV.2014.05.01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com