Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

05D Datasheet(PDF) 2 Page - StarHope

Part # 05D
Description  Varistor Type MYG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

05D Datasheet(HTML) 2 Page - StarHope

  05D Datasheet HTML 1Page - StarHope 05D Datasheet HTML 2Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Maximum
Energy
Rated
Wattage
Varistor Voltage
Maximum
Clamping
Voltage
Acrms
DC
10/100
μS
1 time
2times
V0.1mA
V5A
(V)
(V)
(J)
(V)
(V)
05D751K
460
615
22.4
750(675-825)
1240
05D681K
420
560
21.0
680(612-748)
1120
05D621K
385
505
21.0
620(558-682)
1025
05D561K
350
460
19.6
560(504-616)
920
05D511K
320
415
19.6
510(459-561)
845
05D471K
300
385
18.2
470(423-517)
775
05D431K
275
350
16.8
430(387-473)
710
05D391K
250
320
15.4
390(351-249)
650
05D361K
230
300
14.0
360(324-396)
595
05D331K
210
275
14.0
330(297-363)
550
05D301K
190
250
11.8
300(270-330)
505
05D271K
175
225
10.2
270(243-297)
455
05D241K
150
200
9.9
240(216-264)
395
05D221K
140
180
8.8
220(198-242)
360
05D201K
130
170
7.7
200(180-220)
330
05D181K
115
150
5.6
180(162-198)
300
05D151K
95
125
4.2
150(135-165)
250
05D121K
75
100
4.2
120(108-132)
200
05D101K
60
85
2.8
100(90-110)
165
05D820K
50
65
2.8
82(74-90)
135
05D680K
40
56
1.8
68(61-75)
*135
05D560K
35
45
1.5
56(50-62)
*110
05D470K
30
38
1.4
47(42-52)
*93
05D390K
25
31
1.1
39(35-43)
*77
05D330K
20
26
0.8
33(30-36)
*65
05D270K
17
22
0.7
27(24-30)
*53
05D220K
14
18
0.6
22(20-24)
*43
05D180K
11
14
0.4
18(15-21)
*38
Part Number
Maximum
Allowable
Voltage
Withstanding Surge
Current 8/20
μs
(A)
100
50
0.01
400
200
(W)
0.1
Specification and Electrical Characteristics
Note:
2、Varistor voltage is measured at 0.1 mA for 05D, and at 1 mA for 07D, 10D, 14D, 20D, respectively.
3、Operating Temperature Range: -40℃~+85℃
Storage Temperature Range: -40℃~+125℃
05D Series
02 | www.spsemi.cn
REV.2014.05.01
*
*
*
*
Stand for commonly used models
*
1、



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com