Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3KP Datasheet(PDF) 2 Page - StarHope

Part # 3KP
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 220 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

3KP Datasheet(HTML) 2 Page - StarHope

  3KP Datasheet HTML 1Page - StarHope 3KP Datasheet HTML 2Page - StarHope 3KP Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FEATURES
◎ Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
◎ Glass passivated junction
◎ 3000W Peak Pulse Power capability on 10/1000µs waveform
◎ Excellent clamping capability
◎ Repetition rate (duty cycle):0.05%
◎ Low incremental surge resistance
◎ Typical IR less than 2μA above 10V
◎ High temperature soldering guaranteed: 265°C/10 seconds/.375"
,(9.5mm) lead length, 5lbs., (2.3kg) tension
◎ Pb-free plated
MECHANICAL DATA
Case: Molded plastic over glass passivated junction
Polarity: Color band denotes positive end (cathode) except Bipolar
Mounting Position : Any
Weight: 0.07ounce, 2.1gram
SYMBOL
VALUE
UNITS
PPPM
Minimum
3000
Watts
IPPM
SEE
TABLE 1
Amps
PM(AV)
7
Watts
IFSM
300
Amps
TJ , TSTG
-55 to
+ 175
℃
Notes :
1.Non-repetitive current pulse , per Fig. 3 and derated above TA = 25℃ per Fig. 2 .
2.Mounted on Copper Pad area of 1.6×1.6" (40×40mm) per Fig. 5.
3.8.3ms single half sine-wave , or equivalent square wave, Duty cycle = 4 pulses per minutes maximum.
Steady State Power Dissipation at TL = 75℃ , Lead lengths.375",(9.5mm) (Note
2)
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
STAND-OFF VOLTAGE - 5.0 TO 220 Volts
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
RATING
Peak Pulse Power Dissipation on 10/1000µs waveform (Note 1,FIG.1)
Peak Pulse Current of on 10/1000µs waveform (Note 1,FIG.3)
Peak Forward Surge Current,8.3ms Single Half Sine-Wave
Superimposed on Rated Load,(JEDEC Method) (Note 3)
Operating junction and Storage Temperature Range
3000 Watt Peak Pulse Power
DEVICES FOR BIPOLAR APPLICATION
For Bidirectional use C or CA Suffix for types 3KP5.0 thru types 3KP220 (e.g. 3KP5.0C , 3KP220CA)
Electrical characteristics apply in both directions
Terminal: Solderable per MIL-STD-750, Method 2026
◎ Fast response time: typically less than 1.0ps from 0 Volts to BV min.
1.0 (25.4)
MIN.
0.360 (9.1)
0.340 (8.6)
DIA.
0.052 (1.32)
0.048 (1.22)
DIA.
Case Style P600
Dimensions in inches and(millimeters)
0.360 (9.1)
0.340 (8.6)
1.0 (25.4)
MIN.
REV.2014.05.01
02 | www.spsemi.cn
3KP(3000W) Series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com