Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX103821 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AX103821
Description  Faceplates and Panels - FiberExpress Ultra Cassette
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX103821 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AX103821 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX103821 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX103821 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Transmission Characteristics (Connectivity)
Transmission Specifications:
Description
Multimode
Singlemode
ST-type and SC-Duplex Insertion Loss 1.50dB max
1.25dB max
ST-type and SC-Duplex Reflectance
<-20dB
<-55dB
LC & Secure/Keyed LC Insertion Loss 1.15 dB max 1.15 dB max
LC & Secure/Keyed LC Reflectance
<-20 dB
<-50dB
MT-RJ Insertion Loss
1.40 dB max 1.40 dB max
MT-RJ Reflectance
<-20 dB
<-45 dB
Notes (Overall)
Notes: For additional information about this product, please contact our Technical Support group (ibdn.ts@belden.com) or your local
sales representative. Ref PEC CODE: BFMO-FXU-MK-SL-LDU-PG-NN
Product Family
Part Numbers:
Description
Multimode OM1 -
62.5um
Multimode OM2 -
50um
Multimode OM3 -
50um
Single-Mode Enhance
OS2
Others
ST-MPO 6 fibers
AX103619
AX103673
AX103691
AX103799
-
ST-MPO 12 fibers
AX103638
AX103680
AX103710
AX103818
-
SC Duplex-MPO - 6 fibers
AX103620
AX103674
AX103692
AX103800
-
SC Duplex w/shutter-MPO - 6 fibers
AX103621
AX103675
AX103693
AX103801
-
SC Duplex-MPO - 12 fibers
AX103639
AX103681
AX103711
AX103819
-
LC Duplex-MPO - 6 fibers
AX103622
AX103676
AX103694
AX103802
LC Duplex w/shutter-MPO - 6 fibers
AX103623
AX103677
AX103695
AX103803
-
LC Duplex-MPO - 12 fibers
AX103641
AX103683
AX103713
AX103821
-
LC Duplex w/shutter-MPO - 12 fibers
AX103642
AX103684
AX103714
AX103822
-
LC Duplex-MPO - 24 fibers
AX103657
AX103687
AX103729
AX103837
-
MT-RJ(M)-MPO - 6 fibers
AX103625
AX103679
AX103697
AX103805
-
MT-RJ(M)-MPO - 12 fibers
AX103644
AX103686
AX103716
AX103824
-
MT-RJ(M)-MPO - 24 fibers
AX103660
AX103690
AX103732
AX103840
-
Cassette Rear assembly
-
-
-
-
AX103917
Universal Frame w/Cassette Rear
assembly
-
-
-
-
AX103918
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
Revision Number: 0
Revision Date: 03-30-2010
© 2012 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the
compliance date may be in stock at Belden facilities and in our Distributor’s inventory. The information provided in this Product Disclosure, and
the identification of materials listed as reportable or restricted within the Product Disclosure, is correct to the best of Belden’s knowledge,
information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide
for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not
to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for
determining the applicability of legislation and regulations based on their individual usage of the product.
Page 2 of 2
09-04-2012
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
AX103821 Faceplates and Panels - FiberExpress Ultra Cassette



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com