Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPB090FS Datasheet(PDF) 1 Page - StarHope

Part # SPB090FS
Description  ADSL MODEM?갌AX?갩ELEPHONE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

SPB090FS Datasheet(HTML) 1 Page - StarHope

  SPB090FS Datasheet HTML 1Page - StarHope SPB090FS Datasheet HTML 2Page - StarHope SPB090FS Datasheet HTML 3Page - StarHope SPB090FS Datasheet HTML 4Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
Applications
电性能稳定
ADSL MODEM、FAX、TELEPHONE
体积小,易于贴片机操作
RS485、RS232、CAN一级防护
通流能力大,抗冲击能力
CATV
静态电容量小,绝缘性好
POWER电源防雷共模防护
反应速度为50ns-150ns
 
 
 
                               产品尺寸/Dimensions (mm)
产品印字/Product Mark
No Mark
Typical Part Marking
产品命名/Product Name
GDT/SPA Series
01 | www.spsemi.cn
0.5
4.5±0.3
3.2±0.2
SPX:2R/0.5KA
SPA:2R/2.5KA
SPB:2R/5KA
SPC:2R/5KA
SPH:2R/20KA
3SPC:3R/5KA
3SPH:3R/20KA
Nom. DC spark-over
voltage Vs
090:90V
150:150V
470:470v
F:Two Parties
A:A Round
Internal Code
(Default)
A:Flux Tiles
S:Fail-safe Card
3SPC
090
F
X
REV.2014.05.01
强


Similar Part No. - SPB090FS

ManufacturerPart #DatasheetDescription
logo
StarHope
SPB090F SPSEMI-SPB090F Datasheet
728Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
SPB090F SPSEMI-SPB090F Datasheet
45Kb / 3P
Gas Discharge Tube SPB Series
More results

Similar Description - SPB090FS

ManufacturerPart #DatasheetDescription
logo
StarHope
3SPC SPSEMI-3SPC Datasheet
647Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
SPX SPSEMI-SPX Datasheet
835Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
SPH SPSEMI-SPH Datasheet
706Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
SPC SPSEMI-SPC Datasheet
724Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
SPB SPSEMI-SPB Datasheet
728Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
C6M SPSEMI-C6M Datasheet
737Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
B8M SPSEMI-B8M Datasheet
750Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
B8L SPSEMI-B8L Datasheet
735Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
B5L SPSEMI-B5L Datasheet
847Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
3SPH SPSEMI-3SPH Datasheet
715Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com