Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP2-41 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # DP2-41
Description  High-performance Digital Pressure Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DP2-41 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button DP2-41 Datasheet HTML 7Page - List of Unclassifed Manufacturers DP2-41 Datasheet HTML 8Page - List of Unclassifed Manufacturers DP2-41 Datasheet HTML 9Page - List of Unclassifed Manufacturers DP2-41 Datasheet HTML 10Page - List of Unclassifed Manufacturers DP2-41 Datasheet HTML 11Page - List of Unclassifed Manufacturers DP2-41 Datasheet HTML 12Page - List of Unclassifed Manufacturers DP2-41 Datasheet HTML 13Page - List of Unclassifed Manufacturers DP2-41 Datasheet HTML 14Page - List of Unclassifed Manufacturers DP2-41 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
DP2
804
DIMENSIONS (Unit: mm in)
MODE
(11)
(0.433) 30
1.181
31.6
1.244
(25.8)
(1.016)
(2.1)
(0.083)
30
1.181
31.6
1.244
Increment key
Decrement key
Mode selection key
Comparative Output 2
operation indicator (Green)
Comparative Output 1
operation indicator (Orange)
23.5
0.925
5
0.197
38.5
1.516
Pressure port
Rc (PT) 1/8
female thread (Note)
8
0.315
14
0.551
13
0.512
"3.7 "0.146 cable, 2 m 6.562 ft long
20
0.787
20
0.787
12
0.472
2-M3 hexagon-socket-head bolts
2-M4
31/2 digit
LED display (Red)
(6)(0.236)
(18.9)
(0.744) (10.9)
(0.429)
(9)
(0.354)
(18)
(0.709)
DP2-20
DP2-21
DP2-22
Standard type
MODE
30
1.181
(11)
(0.433)
30
1.181
(15.7)
(0.618) (10.8)
(0.425)
6.2 0.244
(23.7)
(0.933)
41
1.614
2-"8 "0.315, 4.4 0.173 deep
2-"4.3 "0.169 mounting holes
33.5
1.319
5
0.197
18
0.709
"3.7 "0.146 cable, 2 m 6.562 ft long
Pressure port
M5 female thread, 4 0.157 deep
23.5
0.925
(25.8)
(1.016)
Comparative Output 2
operation indicator (Green)
Increment key
Decrement key
Comparative Output 1
operation indicator (Orange)
Mode selection key
(2.1)
(0.083)
20
0.787
(9)
(0.354)
(18)
(0.709)
31/2 digit
LED display (Red)
10
0.394
DP2-80
Light weight type
MODE
35
1.378
8.2
0.323
19.5
0.768
16
0.630
"3.7 "0.146 cable, 2 m 6.562 ft long
23.5
0.925
(15)
(0.591)
44.7
1.760
5.7 0.224
(19.9)
(0.783)
Comparative Output 2
operation indicator (Green)
Increment key
Decrement key
Comparative Output 1
operation indicator (Orange)
Mode selection key
2-"8 "0.315, 4.4 0.173 deep
31/2 digit
LED display (Red)
2-"4.3 "0.169 mounting holes
(27.9)
(1.098)
Pressure port
Rc (PT) 1/8
female thread (Note)
20
0.787
(9)
(0.354)
(18)
(0.709)
30
1.181
(25.8)
(1.016)
(2.1)
(0.083)
(11)
(0.433) 30
1.181
DP2-40
DP2-41
DP2-42
Flat type
Note: NPT 1/8 female thread for North American type, and G (PF) 1/8 female thread for European type.
Note: NPTF 1/8 female thread for North American type.
The CAD data in the dimensions can be downloaded from the SUNX website: http://www.sunx.co.jp/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com