Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCM1305-2R2-R Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # HCM1305-2R2-R
Description  High Current Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HCM1305-2R2-R Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  HCM1305-2R2-R Datasheet HTML 1Page - Cooper Bussmann, Inc. HCM1305-2R2-R Datasheet HTML 2Page - Cooper Bussmann, Inc. HCM1305-2R2-R Datasheet HTML 3Page - Cooper Bussmann, Inc. HCM1305-2R2-R Datasheet HTML 4Page - Cooper Bussmann, Inc. HCM1305-2R2-R Datasheet HTML 5Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1010
BU-SB101160
Page 3 of 4
Data Sheet: 4371
Inductance Characteristics
40%
50%
60%
70%
80%
90%
100%
0
10
20
30
40
50
60
70
80
90 100 110 120 130 140 150
I
DC (Amps)
HCM1305-R22-R
40%
50%
60%
70%
80%
90%
100%
0
102030405060
708090
100
I
DC (Amps)
HCM1305-R47-R
90%
100%
HCM1305-R56-R
90%
100%
HCM1305-R68-R
40%
50%
60%
70%
80%
0
1020304050
60708090
100
I
DC (Amps)
40%
50%
60%
70%
80%
0
1020
304050
6070
8090
I
DC(Amps)
40%
50%
60%
70%
80%
90%
100%
0
1020304050607080
HCM1305-R82-R
40%
50%
60%
70%
80%
90%
100%
0
102030
40506070
I
DC (Amps)
HCM1305-1R0-R
I
DC (Amps)
40%
50%
60%
70%
80%
90%
100%
0
5
10
15
20
25
30
35
40
45
50
55
60
I
DC (Amps)
HCM1305-1R5-R
40%
50%
60%
70%
80%
90%
100%
0
5
10
15
20
25
30
35
40
45
50
55
I
DC (Amps)
HCM1305-2R2-R



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com