Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO128RSB2 Datasheet(PDF) 10 Page - Microsemi Corporation

Part # IO128RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO128RSB2 Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button IO128RSB2 Datasheet HTML 6Page - Microsemi Corporation IO128RSB2 Datasheet HTML 7Page - Microsemi Corporation IO128RSB2 Datasheet HTML 8Page - Microsemi Corporation IO128RSB2 Datasheet HTML 9Page - Microsemi Corporation IO128RSB2 Datasheet HTML 10Page - Microsemi Corporation IO128RSB2 Datasheet HTML 11Page - Microsemi Corporation IO128RSB2 Datasheet HTML 12Page - Microsemi Corporation IO128RSB2 Datasheet HTML 13Page - Microsemi Corporation IO128RSB2 Datasheet HTML 14Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
2 - 5
The absolute maximum junction temperature is 100°C. EQ 1 shows a sample calculation of the absolute
maximum power dissipation allowed for a 484-pin FBGA package at commercial temperature and in still
air.
EQ 1
Maximum Power Allowed
Max. junction temp. (
°C) Max. ambient temp. (°C)
–
θ
ja(°C/W)
------------------------------------------------------------------------------------------------------------------------------------------
100
°C70°C
–
20.5
°C/W
-------------------------------------
1.463 W
·
=
=
=
Table 2-5 •
Package Thermal Resistivities
Package Type
Device
Pin Count
θjc
θja
Units
Still Air
200 ft./min.
500 ft./min.
Quad Flat No Lead
A3P030
132
0.4
21.4
16.8
15.3
°C/W
A3P060
132
0.3
21.2
16.6
15.0
°C/W
A3P125
132
0.2
21.1
16.5
14.9
°C/W
A3P250
132
0.1
21.0
16.4
14.8
°C/W
Very Thin Quad Flat Pack (VQFP)
All devices
100
10.0
35.3
29.4
27.1
°C/W
Thin Quad Flat Pack (TQFP)
All devices
144
11.0
33.5
28.0
25.7
°C/W
Plastic Quad Flat Pack (PQFP)
All devices
208
8.0
26.1
22.5
20.8
°C/W
PQFP with embedded heatspreader
All devices
208
3.8
16.2
13.3
11.9
°C/W
Fine Pitch Ball Grid Array (FBGA)
See note*
144
3.8
26.9
22.9
21.5
°C/W
See note*
256
3.8
26.6
22.8
21.5
°C/W
See note*
484
3.2
20.5
17.0
15.9
°C/W
A3P1000
144
6.3
31.6
26.2
24.2
°C/W
A3P1000
256
6.6
28.1
24.4
22.7
°C/W
A3P1000
484
8.0
23.3
19.0
16.7
°C/W
Note:
*This information applies to all ProASIC3 devices except the A3P1000. Detailed device/package thermal
information will be available in future revisions of the datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com