Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FOX331 Datasheet(PDF) 1 Page - Fox Electronics

Part # FOX331
Description  3.3V SMD Stratum III HCMOS TCXO/VCTCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FOX331 Datasheet(HTML) 1 Page - Fox Electronics

  FOX331 Datasheet HTML 1Page - Fox Electronics FOX331 Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
37
F O X E l e c t r o n i c s 5 5 7 0 E n t e r p r i s e P a r k w a y
F o r t M y e r s , F l o r i d a 3 3 9 0 5 U S A
+ 1 . 2 3 9 . 6 9 3 . 0 0 9 9
FA X + 1 . 2 3 9 . 6 9 3 . 1 5 5 4
w w w. f o x o n l i n e . c o m
E M E A Te l : + 4 4 . 1 2 8 3 . 5 6 8 1 5 3 | C a n a d a + 1 . 8 8 8 . 4 3 8 . 2 3 6 9 | J a p a n Te l : + 8 1 . 3 . 3 3 7 4 . 2 0 7 9 | Singapore Tel: +65.68447989
© 2 0 1 3 F O X E L E C T R O N I C S | A n I n t e g r a t e d D e v i c e Te c h n o l o g y, I n c . c o m p a n y | I S O 9 0 0 1 : 2 0 0 8 C e r t i f i e d
1
Inclusive of initial frequency tolgerance, operating temperature range, 20 years aging, input
voltage change, load change, shock and vibration.
2
For proper operation, a control voltage (Vc) must be applied to pin 1 on VCTCXOs.
3
An internal pullup resistor from pin 9 to pin 10 allows active output if pin 9 is left open.
Note: The above specifications, having been carefully prepared and checked, is believed to be
accurate at the time of publication; however, no responsibility is assumed by Fox Electronics
for inaccuracies.
Dimensional drawing is for reference to critical specifications defined by size measurements.
Certain non-critical visual attributes, such as side castellations, etc. may vary.
Frequency Stability
(vs Temperature)
Operating
Temperature (ºC)
-20 ~ +70
-40 ~ +85
-40 ~ +85
-20 ~ +70
-40 ~ +85
Model
Number
Part Number
822-Frequency-xxxxx
822R-Frequency-xxxxx
822AR-Frequency-xxxxx
822E-Frequency-xxxxx
822ER-Frequency-xxxxx
• PART NUMBER SELECTION
±0.28 PPM
±0.37 PPM
±0.28 PPM
±0.28 PPM
±0.37 PPM
FOX331
FOX331R
FOX331AR
FOX331E
FOX331ER
3.3V SMD Stratum III HCMOS TCXO/VCTCXO
Rev. 11/8/2013
RoHS Compliant
http://www.foxonline.com/need_a_sample.htm
Model: FOX331 Series
Page 1 of 2
10.000MHz
19.200MHz
26.000MHz
• Available Frequencies
12.800MHz
19.440MHz
27.000MHz
16.384MHz
20.000MHz
40.000MHz
PARAMETERS
Storage Temperature Range
Frequency Stability
Overall (including 20 years aging)1
Supply Voltage (Vdd)
Input Current (Idd)
Rise Time (10% ~ 90% Vdd) (Tr)
Fall Time (90% ~ 10% Vdd) (TF)
Output Symmetry ( 50% Vdd)
Output Voltage (HCMOS)
Output Low (VOl)
Output High (VOh)
Output Current
(IOl)
(IOh)
Output Load
Startup Time
Pullability (VCTCXO) (Vc = 1.65±1.65V)2
Phase Noise
@100Hz
@1kHz
@10kHz
Maximum Soldering Temp / Time
Moisture Sensitivity Level (MSL)
Termination Finish
-55ºC ~ +125ºC
±4.6PPM
3.3V±5%
6mA
5nS
5nS
45% ~ 55%
10%Vdd
90%Vdd
6mA Min
-6mA Min
15pF
2mS
±5PPM Min
-120dBc
-140dBc
-148dBc
260ºC / 10 Seconds
1
Au
• ELECTRICAL CHARACTERISTICS
MAX (unless otherwise noted)
All dimensions are in millimeters.
Pin Connections
#1 NC
#6 Output
#2 NC
#7 NC
#3 NC
#8 NC
#4 NC
#9 E/D
#5 GND
#10 Vdd
#1 Vc
#6 Output
#2 NC
#7 NC
#3 NC
#8 NC
#4 NC
#9 E/D
#5 GND
#10 Vdd
FOX331/331R/331AR (TCXO)
FOX331E/331ER (VCTCXO)
OUTPUT (Pin 6)
ACTIVE
ACTIVE
High Z
• ENABLE / DISABLE FUNCTION
(Pin 9)
OPEN 3
'1' Level Vih ≥ 70%Vdd
'0' Level Vil ≤ 30%Vdd
1
2
3
4
5
6
7
8
9
10
1
5
6
9
10
2.54
1.27
1.0
0.8
0.6
1
2.0 M ax
0.4
0.8
5.0±0.1
7.0±0.1
1.8
1.3
1.4
1.0
1.4
1.2
2.54
6.0
Bottom View
Side & End View
Top View
Recom m ended
Solder Pad Layout


Similar Part No. - FOX331

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FOX331 FOX-FOX331 Datasheet
238Kb / 2P
3.3V SMD Stratum III HCMOS TCXO/VCTCXO
FOX331E FOX-FOX331E Datasheet
238Kb / 2P
3.3V SMD Stratum III HCMOS TCXO/VCTCXO
FOX331ER FOX-FOX331ER Datasheet
238Kb / 2P
3.3V SMD Stratum III HCMOS TCXO/VCTCXO
FOX331R FOX-FOX331R Datasheet
238Kb / 2P
3.3V SMD Stratum III HCMOS TCXO/VCTCXO
More results

Similar Description - FOX331

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FOX924 FOX-FOX924 Datasheet
95Kb / 2P
3.3V Ultra Miniature SMD HCMOS TCXO/VCTCXO
FOX331 FOX-FOX331 Datasheet
238Kb / 2P
3.3V SMD Stratum III HCMOS TCXO/VCTCXO
logo
Abracon Corporation
AST3 ABRACON-AST3 Datasheet
223Kb / 2P
STRATUM -III SMD VCTCXO
1.14.08
logo
QUARTZCOM the communica...
VTO-P9-H-6P-ST3 QUARTZCOM-VTO-P9-H-6P-ST3 Datasheet
116Kb / 1P
STRATUM-III SMD VC-TCXO HCMOS Output signal HCMOS
logo
Fox Electronics
FOX924B-12.288 FOX-FOX924B-12.288 Datasheet
118Kb / 2P
3.3V Ultra Miniature SMD HCMOS TCXO/VCTCXO
FOX924B-12288 FOX-FOX924B-12288 Datasheet
118Kb / 2P
3.3V Ultra Miniature SMD HCMOS TCXO/VCTCXO
FOX321 FOX-FOX321 Datasheet
38Kb / 1P
3.3V 5032 SMD Stratum III HCMOS TCXO/VCTCXOMODEL
FOX321ER FOX-FOX321ER Datasheet
38Kb / 1P
3.3V 5032 SMD Stratum III HCMOS TCXO
FOX924B-19.440 FOX-FOX924B-19.440 Datasheet
118Kb / 2P
3.3V Ultra Miniature SMD HCMOS TCXO/VCTCXO
logo
Abracon Corporation
ABDFTCXO ABRACON-ABDFTCXO Datasheet
2Mb / 8P
DUAL OUTPUT STRATUM-III SMD TCXO & VCTCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com