Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTE5ASLF Datasheet(PDF) 1 Page - Fox Electronics

Part # FTE5ASLF
Description  OCXO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FTE5ASLF Datasheet(HTML) 1 Page - Fox Electronics

  FTE5ASLF Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
45
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Japan Tel: +81.3.3374.2079 Fax: +81.3.3374.5221
© 2009 FOX ELECTRONICS | ISO9001:2000 Certified
FEATURES
• 5.0V Operation
• 12V Available
• Sine Wave Output
• SC Cut Resonators
• EURO Package
Note: Other frequencies and performance are available.
All specifications subject to change without notice.
Contact Fox Custom Products Center (CPC) for details at 877-369-8041 or
email at
http://www.foxonline.com/email.htm
5.000 ~ 50.000 MHz
+5 VDC ± 5%
3 Watts
0.8 Watts Typ
±2 PPB
± 0.50 PPB / Day
± 50 PPB / Year
10-11 / Sec
(Typical @ 10 MHz)
-120 dBc
-140 dBc
-155 dBc
-158 dBc
3 minutes
± 0.5 PPM Min.
Positive
± 10%
> 100 K Min
Sine
3 dBm Min
> 30 dBc
SC Cut
Sn/Ag/Cu
PARAMETERS
Frequency Range (Fo)
Supply Voltage
Power (Warm-Up for 3 minutes)
Power Stabilized at +25ºC (Still air)
Stability Vs. Voltage (± 5% Change)
Short Term Aging
(3 weeks min operation)
Long Term Aging (After 60 days operation)
Allan Variance (1 sec samples)
Phase Noise (Offset)
10 Hz
100 Hz
1 KHz
10 KHz
Warm-Up to within ± 100 PPB
(Referenced to freq after 1/2 hour power on)
Frequency Adjust (0 to +5 VDC)
Slope
Non-Linearity (0.8V-5.0V)
Input Impedance
Output
Output Level into 50 Ohms
Harmonics
Resonator Type
Terminations Finish
• ELECTRICAL CHARACTERISTICS
MAX (unless otherwise noted)
Frequency
Stability vs. Temp
±7 PPB
±10 PPB
±15 PPB
Operating
Temperature
0 ~ +70ºC
-20 ~ +70ºC
-40 ~ +75ºC
*Frequency
Range (MHz)
5.000 ~ 50.000
5.000 ~ 50.000
5.000 ~ 50.000
FTE501ASLF
FTE502ASLF
FTE503ASLF
Model
Number
• PART NUMBER SELECTION Learn More - Internet Required
Part Number
696LF-Frequency-xxxxx
697LF-Frequency-xxxxx
698LF-Frequency-xxxxx
Rev. 2/25/2009
http://www.foxonline.com/need_a_sample.htm
Model: FTE5_ _ASLF Series
Page 1 of 1
EURO Package Precision OCXO
EURO Package Precision OCXO
RoHS Compliant
Pin Connections
#1) Trim
#2) N.C. or trim reference Voltage
#3) VDD
#4) Output
#5) GND / Case
All dimensions are in millimeters.
Top View
Side View
Bottom
#2
#3
#4
#1
#5
17.8±0.2
15.24±0.13
6.2±0.5
0.65±0.15
25.4±0.2
17.78±0.13
8.9±0.1
1.3±0.1
0.88 M ax
36.0±0.1
32.3±0.1
27.0±0.1
23.3±0.1
17.0±0.1
#1
#2
#3
#4
#5


Similar Part No. - FTE5ASLF

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FTE5-AH FOX-FTE5-AH Datasheet
154Kb / 1P
EURO Package Precision OCXO
FTE5-AS FOX-FTE5-AS Datasheet
173Kb / 1P
EURO Package Precision OCXO
FTE501AH FOX-FTE501AH Datasheet
154Kb / 1P
EURO Package Precision OCXO
FTE501AS FOX-FTE501AS Datasheet
173Kb / 1P
EURO Package Precision OCXO
FTE502AH FOX-FTE502AH Datasheet
154Kb / 1P
EURO Package Precision OCXO
More results

Similar Description - FTE5ASLF

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
OX4020A-LZ-28-12.800-STR3 RALTRON-OX4020A-LZ-28-12.800-STR3 Datasheet
33Kb / 1P
OCXO
OX6536A RALTRON-OX6536A Datasheet
45Kb / 2P
OCXO
logo
Advanced Linear Devices
OX6749A ALD-OX6749A Datasheet
45Kb / 2P
OCXO
logo
Advanced XTAL Products
AXIOM30 AXTAL-AXIOM30 Datasheet
55Kb / 2P
OCXO
2006-10-06
logo
Vectron International, ...
OX-2201-EAE-2580-10M00 VECTRON-OX-2201-EAE-2580-10M00 Datasheet
240Kb / 4P
OCXO
OX-2226-EAJ-1080-20M00 VECTRON-OX-2226-EAJ-1080-20M00 Datasheet
240Kb / 5P
OCXO
OX-4011-EAE-2580-20M00 VECTRON-OX-4011-EAE-2580-20M00 Datasheet
239Kb / 4P
OCXO
OX-221-9100-20M000 VECTRON-OX-221-9100-20M000 Datasheet
685Kb / 9P
OCXO
OX-221-9115-10M000 VECTRON-OX-221-9115-10M000 Datasheet
530Kb / 6P
OCXO
OX-401-9015-98M304 VECTRON-OX-401-9015-98M304 Datasheet
1Mb / 9P
OCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com