Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSS73SCCR Datasheet(PDF) 1 Page - Fox Electronics

Part # FSS73SCCR
Description  SMD Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FSS73SCCR Datasheet(HTML) 1 Page - Fox Electronics

  FSS73SCCR Datasheet HTML 1Page - Fox Electronics FSS73SCCR Datasheet HTML 2Page - Fox Electronics FSS73SCCR Datasheet HTML 3Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Japan Tel: +81.3.3374.2079 Fax: +81.3.3374.5221
© 2009 FOX ELECTRONICS | ISO9001:2000 Certified
OUTPUT(Pin3)
ACTIVE
ACTIVE
HighZ
• EnAblE / DisAblE FunctiOn
INH(Pin1)
OPEN2
'1'LevelVih
≥ 70%Vdd
'0'LevelVil
≤ 30%Vdd
13.000~160.000MHz
-55ºC~+125ºC
±100PPM1
3.3V±10%
20mA
25mA
30mA
40mA
10nS
8nS
5nS
4nS
10nS
8nS
5nS
4nS
40%~60%
10%Vdd
90%VddMin
8mAMin
-8mAMin
15pF
10µA
10mS
100nS
2mS
10mS
±0.25%~±2.0%
-0.5%~-4.0%
±3PPM/Year
260ºC/10Seconds
1
Au
PARAMETERS
FrequencyRange (Fo)
StorageTemperatureRange (Tstg)
FrequencyStability(demodulatedfrequency)
SupplyVoltage
(Vdd)
InputCurrent
(Idd)
13.000000~49.999999MHz
50.000000~79.999999MHz
80.000000~99.999999MHz
100.000000~160.000000MHz
RiseTime(10%~90%Vdd)(Tr)
13.000000~49.999999MHz
50.000000~79.999999MHz
80.000000~99.999999MHz
100.000000~160.000000MHz
FallTime(90%~10%Vdd)(Tf)
13.000000~49.999999MHz
50.000000~79.999999MHz
80.000000~99.999999MHz
100.000000~160.000000MHz
OutputSymmetry(50%Vdd)
OutputVoltage
(HCMOS)
OutputLow(Vol)
OutputHigh(Voh)
OutputCurrent
(Iol)
(Ioh)
OutputLoad
StandbyCurrent(FSS73S)
StartupTime
DisableTime
EnableTime
FSS73B(Tristate)
FSS73S (Standby)
SpreadSpectrumFunction
(SeeModelSelectionGuide,Page2)
CenterSpread
DownSpread
Aging
MaximumSolderingTemp/Time
MoistureSensitivityLevel(MSL)
TerminationFinish
• ElEctRicAl cHARActERistics
MAX (unlessotherwisenoted)
1Inclusiveofinitialfrequencytoleranceandoperatingtemperaturerange.
(Otherstabilitiesto±20PPMavailable.)
2Aninternalpullupresistorfrompin1topin4allowsactiveoutputifpin1isleftopen.
Note: Drawing is for reference to critical specifications defined by size measurements.
Certainnon-criticalvisualattributes,suchassidecastellations,referencepinshape,etc.may
vary. The above specifications, having been carefully prepared and checked, are believed to be
acurateatthetimeofpublication;however,noresponsibilityisassumedbyFoxElectronicsfor
inaccuracies. All specifications subject to change without notice.
Rev. 12/9/2008
RoHs compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: Fss73 series
Page1of3
HcMOs 7x5mm 3.3V sMD Oscillator
Spread Spectrum
Fox Electronics Spread Spectrum Oscillators use industry-leading, proven, analog technologies which allows
them to be used in a wide range of high-performance applications. These products offer various down-spread and
center-spread options, enabling the customer to optimize the EMI reduction for their application requirements.
All dimensions are in millimeters.
5.2 M ax
1.4 M ax
7.2 M ax
Solder Pad Layout
Recommended
#1
#2
#3
#4
#1
#2
#4
#3
2.6±0.1
Pin Connections
#1 E/D
#3 Output
#2 GND #4 V
1.6
5.08
DD
1.4
1.8
5.8±0.2
1.2
4.2
Top
View
Dot denotes
pin 1
Bottom
View


Similar Part No. - FSS73SCCR

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FSS72 FOX-FSS72 Datasheet
215Kb / 3P
SMD Oscillator
FSS72BCAR FOX-FSS72BCAR Datasheet
215Kb / 3P
SMD Oscillator
FSS72BCBR FOX-FSS72BCBR Datasheet
215Kb / 3P
SMD Oscillator
FSS72BCCR FOX-FSS72BCCR Datasheet
215Kb / 3P
SMD Oscillator
FSS72BCDR FOX-FSS72BCDR Datasheet
215Kb / 3P
SMD Oscillator
More results

Similar Description - FSS73SCCR

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-8F ECS-ECS-8F Datasheet
35Kb / 1P
SMD CLOCK OSCILLATOR
ECS-8FX ECS-ECS-8FX Datasheet
133Kb / 1P
SMD CLOCK OSCILLATOR
ECS-2025 ECS-ECS-2025 Datasheet
249Kb / 2P
SMD CLOCK OSCILLATOR
ECS-2018 ECS-ECS-2018 Datasheet
247Kb / 2P
SMD CLOCK OSCILLATOR
ECS-3951M-BN ECS-ECS-3951M-BN Datasheet
125Kb / 1P
SMD CLOCK OSCILLATOR
ECS-3951M-AU ECS-ECS-3951M-AU Datasheet
125Kb / 1P
SMD CLOCK OSCILLATOR
ECS-3951M ECS-ECS-3951M_14 Datasheet
139Kb / 2P
SMD CLOCK OSCILLATOR
logo
Fox Electronics
FSS53 FOX-FSS53 Datasheet
398Kb / 3P
SMD Oscillator
FSS72 FOX-FSS72 Datasheet
215Kb / 3P
SMD Oscillator
logo
Kingtronics Internation...
QKT-OSC5032 KINGTRONICS-QKT-OSC5032 Datasheet
215Kb / 1P
SMD OSCILLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com