Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTP303CH Datasheet(PDF) 2 Page - Fox Electronics

Part # FTP303CH
Description  OVEN-CONTROLLED, HCMOS, SMD, XO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FTP303CH Datasheet(HTML) 2 Page - Fox Electronics

  FTP303CH Datasheet HTML 1Page - Fox Electronics FTP303CH Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
45
Fox Electronics
5570 Enterprise Parkway
Fort Myers, Florida 33905
USA +1.239.693.0099
FAX +1.239.693.1554
An Integrated Device Technology, Inc. company
FOXonline.com
14.3 x 9.3 mm, OVEN-CONTROLLED, HCMOS, SMD, XO
Rev. 7/15/2014
http://www.foxonline.com/need_a_sample.htm
Model: FTP300H Series
Page 2 of 2
RoHS Compliant (exemption 7c-I) / REACH Compliant
•Tape and Reel Specs
10 MHz
19.2 MHz
12.8 MHz
20 MHz
15.36 MHz
25 MHz
16.384 MHz
• DEVELOPED FREQUENCIES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com