Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSS73BCDR Datasheet(PDF) 3 Page - Fox Electronics

Part # FSS73BCDR
Description  SMD Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FSS73BCDR Datasheet(HTML) 3 Page - Fox Electronics

  FSS73BCDR Datasheet HTML 1Page - Fox Electronics FSS73BCDR Datasheet HTML 2Page - Fox Electronics FSS73BCDR Datasheet HTML 3Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Japan Tel: +81.3.3374.2079 Fax: +81.3.3374.5221
© 2009 FOX ELECTRONICS | ISO9001:2000 Certified
Rev. 12/9/2008
RoHs compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: Fss73 series
Page3of3
HcMOs 7x5mm 3.3V sMD Oscillator
Spread Spectrum
• tAPE sPEciFicAtiOns (millimeters)
MODEl
FSS73 Series
A
∅1.5
b
4.0
c
8.0
D
5.5
E
12.0
F
1.4
STD Reel QTY
1,000
• REEl sPEciFicAtiOns (millimeters)
G
2.0
H
∅13
i
∅21
J
∅62
K
∅180
l
12.2
M
1.6
MODEl
FSS73 Series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com