Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSS72SCER Datasheet(PDF) 1 Page - Fox Electronics

Part # FSS72SCER
Description  SMD Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FSS72SCER Datasheet(HTML) 1 Page - Fox Electronics

  FSS72SCER Datasheet HTML 1Page - Fox Electronics FSS72SCER Datasheet HTML 2Page - Fox Electronics FSS72SCER Datasheet HTML 3Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Japan Tel: +81.3.3374.2079 Fax: +81.3.3374.5221
© 2009 FOX ELECTRONICS | ISO9001:2000 Certified
Rev. 12/9/2008
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: FSS72 Series
Page 1 of 3
OUTPUT (Pin 3)
ACTIVE
ACTIVE
High Z
• EnAblE / DiSAblE FunCtiOn
INH (Pin 1)
OPEN 2
'1' Level Vih
≥ 70% Vdd
'0' Level Vil
≤ 30% Vdd
13.000 ~ 160.000 MHz
-55ºC ~ +125ºC
±100 PPM1
2.5V ± 5%
20mA
25mA
30mA
5nS
4nS
3nS
5nS
4nS
3nS
40% ~ 60%
10% Vdd
90% Vdd Min
8mA Min
-8mA Min
15pF
10µA
10mS
100nS
2mS
10mS
±0.25% ~ ±2.0%
-0.5% ~ -4.0%
±3 PPM/Year
260ºC / 10 Seconds
1
Au
PARAMETERS
Frequency Range (Fo)
Storage Temperature Range (Tstg)
Frequency Stability (demodulated frequency)
Supply Voltage
(Vdd)
Input Current
(Idd)
13.000000 ~ 79.999999 MHz
80.000000 ~ 99.999999 MHz
100.000000 ~ 160.000000 MHz
Rise Time (10% ~ 90% Vdd) (Tr)
13.000000 ~ 49.999999 MHz
50.000000 ~ 79.999999 MHz
80.000000 ~ 160.000000 MHz
Fall Time (90% ~ 10% Vdd) (Tf)
13.000000 ~ 49.999999 MHz
50.000000 ~ 79.999999 MHz
80.000000 ~ 160.000000 MHz
Output Symmetry (50% Vdd)
Output Voltage
(HCMOS)
Output Low (Vol)
Output High (Voh)
Output Current
(Iol)
(Ioh)
Output Load
Standby Current
(FSS72S)
Startup Time
Disable Time
Enable Time
FSS72B
(Tristate)
FSS72S
(Standby)
Spread Spectrum Function
(See Model Selection Guide, Page 2)
Center Spread
Down Spread
Aging
Maximum Soldering Temp / Time
Moisture Sensitivity Level (MSL)
Termination Finish
• ElECtRiCAl CHARACtERiStiCS
MAX (unless otherwise noted)
1 Inclusive of initial frequency tolerance and operating temperature range.
(Other stabilities to ±20 PPM available.)
2 An internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open.
Note: Drawing is for reference to critical specifications defined by size measurements.
Certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may
vary. The above specifications, having been carefully prepared and checked, are believed to be
acurate at the time of publication; however, no responsibility is assumed by Fox Electronics for
inaccuracies. All specifications subject to change without notice.
HCMOS 7x5mm 2.5V SMD Oscillator
Spread Spectrum
Fox Electronics Spread Spectrum Oscillators use industry-leading, proven, analog technologies which allows
them to be used in a wide range of high-performance applications. These products offer various down-spread and
center-spread options, enabling the customer to optimize the EMI reduction for their application requirements.
All dimensions are in millimeters.
5.2 M ax
1.4 M ax
7.2 M ax
Solder Pad Layout
Recommended
#1
#2
#3
#4
#1
#2
#4
#3
2.6±0.1
Pin Connections
#1 E/D
#3 Output
#2 GND #4 V
1.6
5.08
DD
1.4
1.8
5.8±0.2
1.2
4.2
Top
View
Dot denotes
pin 1
Bottom
View


Similar Part No. - FSS72SCER

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FSS73 FOX-FSS73 Datasheet
216Kb / 3P
SMD Oscillator
FSS73BCAR FOX-FSS73BCAR Datasheet
216Kb / 3P
SMD Oscillator
FSS73BCBR FOX-FSS73BCBR Datasheet
216Kb / 3P
SMD Oscillator
FSS73BCCR FOX-FSS73BCCR Datasheet
216Kb / 3P
SMD Oscillator
FSS73BCDR FOX-FSS73BCDR Datasheet
216Kb / 3P
SMD Oscillator
More results

Similar Description - FSS72SCER

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-8F ECS-ECS-8F Datasheet
35Kb / 1P
SMD CLOCK OSCILLATOR
ECS-8FX ECS-ECS-8FX Datasheet
133Kb / 1P
SMD CLOCK OSCILLATOR
ECS-2025 ECS-ECS-2025 Datasheet
249Kb / 2P
SMD CLOCK OSCILLATOR
ECS-2018 ECS-ECS-2018 Datasheet
247Kb / 2P
SMD CLOCK OSCILLATOR
ECS-3951M-BN ECS-ECS-3951M-BN Datasheet
125Kb / 1P
SMD CLOCK OSCILLATOR
ECS-3951M-AU ECS-ECS-3951M-AU Datasheet
125Kb / 1P
SMD CLOCK OSCILLATOR
ECS-3951M ECS-ECS-3951M_14 Datasheet
139Kb / 2P
SMD CLOCK OSCILLATOR
logo
Fox Electronics
FSS53 FOX-FSS53 Datasheet
398Kb / 3P
SMD Oscillator
FSS73 FOX-FSS73 Datasheet
216Kb / 3P
SMD Oscillator
logo
Kingtronics Internation...
QKT-OSC5032 KINGTRONICS-QKT-OSC5032 Datasheet
215Kb / 1P
SMD OSCILLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com