Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1020 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # P1020
Description  P1020/P1011 Reference Design Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P1020 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  P1020 Datasheet HTML 1Page - Freescale Semiconductor, Inc P1020 Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Freescale, the Freescale logo, PowerQUICC and QorIQ are trademarks of Freescale Semiconductor, Inc.,
Reg. U.S. Pat. & Tm. Off. All other product or service names are the property of their respective owners.
The Power Architecture and Power.org word marks and the Power and Power.org logos and related marks are
trademarks and service marks licensed by Power.org. © Freescale Semiconductor, Inc. 2012.
Document Number: P1020RDBFS REV 1
For more information, visit freescale.com/QorIQ
The P1020RDB also supports a PCI Express
add-in connector and a MiniPCI Express
slot, as well as an SD/MMC card slot. These
components, integrated with the P1020,
provide an application-specific platform that
can help you get a jump start on your next
application design. In addition, the P1020RDB
provides a simplified migration path for existing
PowerQUICC processor customers wishing
to migrate to QorIQ multicore processors.
Customers can migrate to the single-core
P1011 as a stepping stone on their way to
multicore processing.
Since the P1020 is pin-compatible with
the P2020, the P1020RDB can also
be used as a development vehicle for
the P2020.
Along with hardware support, the P1020RDB
comes with a board support package (BSP)
that includes both U-boot and Linux® 2.6
operating system support. The platform is also
available with third-party software applications.
To see demonstrations or to acquire details
of Freescale’s third-party applications for this
platform, please contact your local Freescale
sales office.
P1020RDB Board Features
Memory
• 1GBDDR3
• 16MB(128MBdevice)NORflashmemory
• 32MBNANDflashmemory
• 16MBSPIROM
PCI Express interconnects
• OnestandardPCIExpressconnector(x1)
• OneminiPCIExpressconnector(x1)
Ethernet
Six 10/100/1000 ports:
• FourportsfromL2switchconnected
to eTSEC1
• OneSGMIIPHYconnectedtoeTSEC2
• OneRGMIIPHYconnectedtoeTSEC3
IEEE® 1588 v2
• ClockinputfromDAC/VCXOcircuitry
• Accessibleviatestheader
System Integration
• DualI2C
• SD/MMCcardslot
• DualUSB
• MiniABconnectorsonI/Opanel(default)
• UARTs
• OneDB9connector
• DualSLICforFXS/FXOinterfaces
Mini-ITX Form Factor
• 170mmx170mm
• 6-layerPCBrouting(4-layersignals,
2-layer power and ground)
Lead-Free (ROHS), CE and FCC
Certification
Software Tools
• Linux2.6.xKernel
• CrosscompileandnativeGNUtoolchain
P1020RDB Block Diagram
DDR3
Discrete
x32
EEPROM
EEPROM
Security
Acceleration
(optional)
XOR
System Bus
3 x Gigabit
Ethernet
RGMII
PHY
4-ch.
DMA
4-ch.
DMA
PCI
Express
PCI
Express®
PCI
Express®
On-Chip Network
On-Chip Network
4-lane SerDes
32 KB
L1 I-Cache
e500 Core
32 KB
L1 D-Cache
Coherency Module
256 KB
L2 Cache
MiniPCI Express
PCI Express
PCI Express
32 KB
L1 I-Cache
e500 Core
32 KB
L1 D-Cache
DDR2/DDR3
SDRAM Controller
I2C
JTAG/COP
SPI
RS-232
Serial
Real-Time
Clock
2 x
USB 2.0
DUART
RGMII
RGMII
SGMII
PHY
DB9
RJ45
RJ45
5-port
Switch
RJ45
RJ45
RJ45
RJ45
Not
Connected
Mini
USB
Mini
USB
NOR Flash
NAND Flash
Enhanced Local Bus
Controller (eLBC)
Clocking
SD/MMC
eSDHC
IEEE® 1588
HDR
DAC
VCXO
TDM
Dual
SLIC
eTSEC
eTSEC
Power
POR Configuration
8-bit MCU
Reset PLD
RJ11
RJ11
RJ11
RJ11
RJ11
P1020RDB Block Diagram



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com