Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USM Datasheet(PDF) 2 Page - StarHope

Part # USM
Description  Surface Mount Devices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

USM Datasheet(HTML) 2 Page - StarHope

  USM Datasheet HTML 1Page - StarHope USM Datasheet HTML 2Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model
Marking
Ihold
Itrip
Vmax
Imax
Pd max
Current
Time
Rmin
Rmax
(A)
(A)
(Vdc)
(A)
(w)
(A)
(S)
(
Ω)
(
Ω)
USM005
A
0.05
0.15
30
100
0.6
0.25
1.5
2.800
50.000
USM010
B
0.10
0.30
30
100
0.6
0.5
0.60
0.800
15.000
USM020
C
0.20
0.40
30
100
0.6
8.0
0.02
0.400
5.000
USM035
D
0.35
0.75
6
100
0.6
8.0
0.2
0.200
1.300
USM050
F
0.50
1.00
13.2
100
0.6
8.0
0.1
0.180
0.900
USM075
G
0.75
1.50
6
100
0.6
8.0
0.1
0.070
0.400
USM110
H
1.10
2.20
6
100
0.6
8.0
0.3
0.050
0.210
USM150
L
1.50
3.00
6
100
0.6
8.0
0.5
0.030
0.110
Ihold
Itrip
Vmax
Imax
Pd
Rmin/max
R1max
*CAUTION
Model
—40℃
—20℃
0℃
25℃
40℃
50℃
60℃
70℃
85℃
USM005
0.080
0.07
0.070
0.05
0.040
0.04
0.03
0.03
0.020
USM010
0.16
0.14
0.12
0.10
0.080
0.07
0.06
0.05
0.03
USM020
0.29
0.26
0.22
0.20
0.160
0.14
0.13
0.11
0.08
USM035
0.47
0.45
0.40
0.35
0.330
0.28
0.24
0.21
0.18
USM050
0.76
0.67
0.58
0.50
0.430
0.40
0.36
0.32
0.28
USM075
1.00
0.97
0.86
0.75
0.640
0.59
0.54
0.48
0.40
USM110
1.69
1.48
1.29
1.10
0.880
0.76
0.65
0.57
0.43
USM150
2.13
1.92
1.71
1.50
1.260
1.14
1.01
0.89
0.71
Hold Current:Maximum current device will not trip in 25℃ still air.
Maximum resistance of device at 25℃ measured one hour after trippde tripping.
Operation beyond the specified rating may result in damage and possible arcing.
Maximum operating volatge device can withstand without damage at ratde current(imax)
.
Maximum fault current device can withstand without damage at rated voltage(Vmax).
Electrical characteristics(25℃)
Typical power dissipatde from device when in the tripped state in 25℃ still air.
Minimum/Maximum device resistance prior to tripping at 25℃.
maximun ambient operating temperature(Tmao)vs.hold current(Ihold)
Ihold versus tempetature
Trip current:Minimum current at which the device will always trip in 25℃ still air
Maximum Time To Trip
Resistance
Thermal Derating Curve
Typical Time-To-Trip At 25°C
Derating Curves for SMD1210 Series
0
20
40
60
80
100
120
140
160
-40
-20
0
20
40
60
80
Temperature (°C)
Average Time Current Curves
0.01
0.1
1
10
100
0.1
1
10
Current In Amperes
0.75
0.05
A
0.20
A
0.35
A
0.50
A
4500pcs/Reel
Package Information
Reel:
USM005~035
4500pcs/Reel
USM050~075
4000pcs/Reel
PPTC/USM Series
02 | www.spsemi.cn
USM110
USM200
USM175
N
1.75
3.50
6
100
0.8
8.0
0.6
0.020
0.080
USM200
S
2.00
4.00
6
100
0.8
8.0
1.0
0.015
0.070
USM175
2.54
2.30
2.02
1.75
1.470
1.33
1.18
1.05
0.86
USM200
2.90
2.63
2.31
2.00
1.680
1.52
1.35
1.20
0.98
REV.2014.05.01



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com